Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN30NSP Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN30NSP
Description  HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN30NSP Datasheet(HTML) 1 Page - STMicroelectronics

  VN30NSP Datasheet HTML 1Page - STMicroelectronics VN30NSP Datasheet HTML 2Page - STMicroelectronics VN30NSP Datasheet HTML 3Page - STMicroelectronics VN30NSP Datasheet HTML 4Page - STMicroelectronics VN30NSP Datasheet HTML 5Page - STMicroelectronics VN30NSP Datasheet HTML 6Page - STMicroelectronics VN30NSP Datasheet HTML 7Page - STMicroelectronics VN30NSP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VN30NSP
HIGH SIDE SMART POWER SOLID STATE RELAY
July 1998
BLOCK DIAGRAM
T YPE
VDSS
RDS(on)
IOUT
VCC
VN30NSP
60 V
0.03
45 A
26 V
s
OUTPUT CURRENT (CONTINUOUS):
45 A @ Tc=25
oC
s
5 V LOGIC LEVEL COMPATIBLE INPUT
s
THERMAL SHUT-DOWN
s
UNDER VOLTAGE SHUT-DOWN
s
OPEN DRAIN DIAGNOSTIC OUTPUT
s
VERY LOW STAND-BY POWER
DISSIPATION
DESCRIPTION
The VN30NSP is a monolithic devices made
using STMicroelectronics VIPower Technology,
intended for driving resistive or inductive loads
with one side grounded.
Built-in thermal shut-down protects the chip from
over temperature and short circuit.
The input control is 5V logic level compatible.
The open drain diagnostic output indicates open
circuit (no load) and over temperature status.
®
1
10
PowerSO-10
1/8


Similar Part No. - VN30NSP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN30N STMICROELECTRONICS-VN30N Datasheet
175Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN30N011Y STMICROELECTRONICS-VN30N011Y Datasheet
175Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN30N012Y STMICROELECTRONICS-VN30N012Y Datasheet
175Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
More results

Similar Description - VN30NSP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-1998
VN02N STMICROELECTRONICS-VN02N Datasheet
193Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN05H STMICROELECTRONICS-VN05H Datasheet
227Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN06SP STMICROELECTRONICS-VN06SP Datasheet
219Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN220 STMICROELECTRONICS-VN220 Datasheet
74Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1999
VN540 STMICROELECTRONICS-VN540 Datasheet
85Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Oct-1999
VN02N-E STMICROELECTRONICS-VN02N-E Datasheet
251Kb / 16P
High side smart power solid state relay
07-Nov-2008
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
High side smart power solid state relay
05-Nov-2008
VN06SP13TR STMICROELECTRONICS-VN06SP13TR Datasheet
171Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com