Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6 Datasheet(PDF) 2 Page - Semtech Corporation

Part # PM6
Description  Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

PM6 Datasheet(HTML) 2 Page - Semtech Corporation

  PM6 Datasheet HTML 1Page - Semtech Corporation PM6 Datasheet HTML 2Page - Semtech Corporation PM6 Datasheet HTML 3Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
 2007 Semtech Corp.
www.semtech.com
POWER DISCRETES
PM6/PM8/PM0
Electrical Specifications
l
o
b
m
y
S6
M
P8
M
P0
M
Ps
t
i
n
U
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
AI
)
V
A
(
F
0
.
2
A
I2
.
x
a
m
)
S
m
3
.
8
=
t
(
g
n
i
s
u
f
r
o
f
TI2T
8
A2S
.
x
a
m
p
o
r
D
e
g
a
tl
o
V
d
r
a
w
r
o
F
I
@
F
T
,
A
0
0
.
1
=
j
C
°
5
2
=V
F
0
.
1V
.
x
a
m
t
n
e
r
r
u
C
e
s
r
e
v
e
R
V
@
M
W
R
5
2
=
j
T
,C
°
V
@
M
W
R
0
0
1
=
j
T
,C
°
I
R
I
R
0
.
1
0
1
A
µ
.
p
y
t
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
I
A
5
.
0
F
I
A
0
.
1
o
t
M
R
I
A
5
2
.
0
o
t
s
r
e
v
o
c
e
r
)
C
E
R
(
M
R
r
r
t3
S
µ
.
p
y
t
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
J
z
H
M
1
=
f
,
V
4
=
r
V
@
j
C8
1F
p
l
o
b
m
y
S6
M
P8
M
P0
M
Ps
t
i
n
U
d
a
e
L
o
t
n
o
it
c
n
u
J
-
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
"
5
7
3
.
0
=
h
t
g
n
e
l
d
a
e
L
"
0
=
h
t
g
n
e
l
d
a
e
L
R
θ L
J
R
θ L
J
7
4
9
1
W
/
C
°
Thermal Characteristics
Maximum Characteristics
V
F - Forward Voltage (V)
Figure 1. Forward Current vs. Forward Voltage
T
J - Junction Temperature (°C)
Figure 2. Reverse Current vs. Junction Temperature



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com