Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN340 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN340
Description  QUAD HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN340 Datasheet(HTML) 4 Page - STMicroelectronics

  VN340 Datasheet HTML 1Page - STMicroelectronics VN340 Datasheet HTML 2Page - STMicroelectronics VN340 Datasheet HTML 3Page - STMicroelectronics VN340 Datasheet HTML 4Page - STMicroelectronics VN340 Datasheet HTML 5Page - STMicroelectronics VN340 Datasheet HTML 6Page - STMicroelectronics VN340 Datasheet HTML 7Page - STMicroelectronics VN340 Datasheet HTML 8Page - STMicroelectronics VN340 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4/9
VN340SP
ELECTRICAL CHARACTERISTICS (continued)
LOGIC INPUT (Per each channel)
Note 1 : The input voltage is internally clamped at 32V minimum , it is possible to connect the input pins to an higher voltage via an external
resistor calculate to not exceed 10mA
.
PROTECTION AND DIAGNOSTICS
(*) Status determination > 100
µs after the switching edge.
Note: If INPUT pin is floating the corrisponding channel will automatically switch off. If GND pin is disconnected, the channel will switch off
provided VCC not exceed 36V.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIL
I/O Input low level voltage
2
V
VIH
I/O Input high level
voltage
(see note 1)
3.5
V
VI(HYST)
I/O Input hysteresis
voltage
0.5
V
IIN
I/O Input current
VIN=30V
25
µA
VICL
I/O Input clamp voltage
(see note 1)
IIN=1mA
IIN=-1mA
32
36
-0.7
V
V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VDIAG (*)
Status voltage output low
ISTAT=5mA
(Fault condition)
1V
VSCL(*)
Status clamp voltage
IDIAG=1mA
IDIAG=-1mA
32
36
-0.7
V
V
VUSD
Undervoltage shut down
5
8
V
ILIM
DC Short circuit current
VCC=24V; RLOAD<10mΩ
0.7
2
A
IOVPK
Peak short circuit current
VCC=24V; VIN=30V; RLOAD<10mΩ
(see figure 2)
4A
IDIAGH
Leakage on diag pin in
high state
VDIAG=24V
25
µA
ILOAD
Output leakage current
VCC=10 to 36V; VIN=VIL
50
µA
tSC
Delay time of current
limiter
100
µs
TTSD
Thermal shut down
temperature
150
170
°C
TR
Thermal reset
temperature
135
155
°C
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com