Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN380 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VN380
Description  SMART SOLENOID DRIVER SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN380 Datasheet(HTML) 3 Page - STMicroelectronics

  VN380 Datasheet HTML 1Page - STMicroelectronics VN380 Datasheet HTML 2Page - STMicroelectronics VN380 Datasheet HTML 3Page - STMicroelectronics VN380 Datasheet HTML 4Page - STMicroelectronics VN380 Datasheet HTML 5Page - STMicroelectronics VN380 Datasheet HTML 6Page - STMicroelectronics VN380 Datasheet HTML 7Page - STMicroelectronics VN380 Datasheet HTML 8Page - STMicroelectronics VN380 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
THERMAL DATA
HEPT AW ATT
Po werSO -10
Rthj-ca se
Thermal Resist ance Junct ion-case
Max
1.8
1.67
oC/W
Rthj- amb
Thermal Resist ance Junct ion-ambient (
∗)
Max
60
50
oC/W
(
∗) When mounted using minimum recommended pad size on FR-4 board.
ELECTRICAL CHARACTERISTICS (10V < VPWR1 <18 V; - 40
oC< TJ < 150 oC unless otherwise
specified)
POWER
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
Vpwr1
Operating Voltage
6
13
24
V
Ron1
On Stat e Resistance
(excitation path)
Ilo ad =In =5 A
VinA =Vin B =5 V
0.2
Ω
Ron2
On Stat e Resistance
(recirculation path)
Vpwr1 =13 V
Iload =In =5 A
VinA =5 V
Vin B =G ND
0.4
Ω
Vce(sat)
Saturat ion Voltage of
Bipolar S2
Iload = In =5 A
Vpwr1 =Vpwr2 =13 V
Ilo ad =10 A
TJ >125
oC
Vpwr1 =Vpwr2 =13 V
2
2
V
V
Isq
Supply Q uiescent
Current
Vpwr1 =13 V
VinA =Vin B =5 V
25
mA
Ilk
Output Leakage
Current
Vpwr1 =18 V
Vin A =Vin B =GND
5
mA
Ioff
Of f State Supply
Current
VinA =Vin B =G ND
Vpwr1 = Not Connected
10V<Vpwr2 <24 V
TJ =25
oC
50
µA
SWITCHING (EXCITATION PATH)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
td(on)
Turn-on Delay Time
Rload =2.5
Ω
Vin A = 5 V (see f ig.1)
50
µs
tr
Rise Time of Output
Current
Rload =2.5
Ω
Vin A = 5 V (see fig.1)
1
20
µs
td(off)
Turn-off Delay Time
Rload =2.5
Ω
Vin A = 5 V (see fig.1)
50
µs
tf
Fall T ime of O utput
Current
Rload =2.5
Ω
VinA = 5 V (see fig.1)
1
20
µs
LOGIC INPUT
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
Vil
Input Low Level
Voltage
1.5
V
Vih
Input High Level
Voltage
3. 5
V
Vi(h ys t)
Input hysteresis
Voltage
0. 5
0.8
2
V
Vi(CL)
Input Clamp Voltage
Iin = 10 mA
8
9.5
11
V
Iin
Input Current
VinA = Vin B =2 V
VinA =Vin B =5 V
20
250
µA
µA
VN380
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com