Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN460SP Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN460SP
Description  SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN460SP Datasheet(HTML) 1 Page - STMicroelectronics

  VN460SP Datasheet HTML 1Page - STMicroelectronics VN460SP Datasheet HTML 2Page - STMicroelectronics VN460SP Datasheet HTML 3Page - STMicroelectronics VN460SP Datasheet HTML 4Page - STMicroelectronics VN460SP Datasheet HTML 5Page - STMicroelectronics VN460SP Datasheet HTML 6Page - STMicroelectronics VN460SP Datasheet HTML 7Page - STMicroelectronics VN460SP Datasheet HTML 8Page - STMicroelectronics VN460SP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VN460SP
SINGLE CHANNEL HIGH SIDE SMART
SOLID STATE RELAY
June 1998
1
10
Power SO-10
TM
BLOCK DIAGRAM
T YPE
Vdema g
RDS(o n)
IO UT
VCC
VN460SP
VCC-55V
20 m
Ω
25 A
36 V
s
OUTPUT CURRENT (CONTINUOUS):
25 A @ TC =25
o C
s
5 V LOGIC LEVEL COMPATIBLE INPUT
s
UNDER VOLTAGE SHUT-DOWN
s
OVER VOLTAGE SHUT-DOWN
s
THERMAL SHUT-DOWN
s
OPEN DRAIN DIAGNOSTIC OUTPUT
s
VERY LOW STAND-BY POWER
DISSIPATION
DESCRIPTION
The VN460SP is a monolithic device made using
SGS-THOMSON
Vertical
Intelligent
Power
Technology, intended for driving resistive or
inductive loads with one side connected to
ground.
Built-in thermal shut-down protects the chip from
over temperature and short circuit.
The control input is 5V CMOS logic level
compatible.
The open drain diagnostic output indicates open
circuit (no load) and overtemperature status.
®
1/9


Similar Part No. - VN460SP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN460SP STMICROELECTRONICS-VN460SP Datasheet
165Kb / 9P
SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
Sep-2013
VN460SP-E STMICROELECTRONICS-VN460SP-E Datasheet
87Kb / 9P
SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
Jun-1998
VN460SPTR-E STMICROELECTRONICS-VN460SPTR-E Datasheet
165Kb / 9P
SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
Sep-2013
More results

Similar Description - VN460SP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-1998
VN220 STMICROELECTRONICS-VN220 Datasheet
74Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1999
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN540 STMICROELECTRONICS-VN540 Datasheet
85Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Oct-1999
VN540-E STMICROELECTRONICS-VN540-E Datasheet
151Kb / 13P
SINGLE HIGH SIDE SMART POWER SOLID STATE RELAY
02-Nov-2005
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
High side smart power solid state relay
05-Nov-2008
VN460SP-E STMICROELECTRONICS-VN460SP-E Datasheet
87Kb / 9P
SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
Jun-1998
VN06SP13TR STMICROELECTRONICS-VN06SP13TR Datasheet
171Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-2013
VN460SPTR-E STMICROELECTRONICS-VN460SPTR-E Datasheet
165Kb / 9P
SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com