Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN540 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN540
Description  HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN540 Datasheet(HTML) 1 Page - STMicroelectronics

  VN540 Datasheet HTML 1Page - STMicroelectronics VN540 Datasheet HTML 2Page - STMicroelectronics VN540 Datasheet HTML 3Page - STMicroelectronics VN540 Datasheet HTML 4Page - STMicroelectronics VN540 Datasheet HTML 5Page - STMicroelectronics VN540 Datasheet HTML 6Page - STMicroelectronics VN540 Datasheet HTML 7Page - STMicroelectronics VN540 Datasheet HTML 8Page - STMicroelectronics VN540 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
October 1999
1/11
®
1
VN540 / VN540SP
/ VN540(011Y) / VN540(012Y)
HIGH SIDE SMART POWER SOLID STATE RELAY
1
s
OUTPUT CURRENT (CONTINUOUS): 2.8A
s
DIGITAL INPUT CLAMPED AT 32V
s
PROTECTION AGAINST: LOSS OF GROUND,
SHORTED LOAD AND OVERTEMPERATURE
s
BUILT-IN CURRENT LIMITER
s
UNDER VOLTAGE SHUT DOWN
s
OPEN DRAIN DIAGNOSTIC OUTPUT
s
FAST DEMAGNETIZATION OF INDUCTIVE
LOADS.
DESCRIPTION
The
VN540,
VN540SP,
VN540(011Y),
VN540(012Y) is a monolithic device designed in
STMicroelectronics VIPower technology, intended
for driving resistive or inductive loads with one
side connected to ground. Active current limitation
avoids the system power supply dropping in case
of shorted load. Built-in thermal shut down
protects the chip from over temperature. The open
drain diagnostic output indicates over temperature
conditions.
TYPE
Vdemag RDS(on)
IOUT
VCC
VN540
VN540SP
VN540(011Y)
VN540(012Y)
-55V
50m
Ω
2.8A
36 V
PENTAWATT(011Y)
PENTAWATT
PowerSO-10TM
1
10
PENTAWATT(012Y)
ORDER CODES
PENTAWATT vertical
PENTAWATT horizontal
PENTAWATT straight
PowerSO-10TM
VN540
VN540(011Y)
VN540(012Y)
VN540SP
BLOCK DIAGRAM
DRIVER
CURRENT
OUTPUT
LIMITER
VCC
NEGATIVE VCC
PROTECTION
GROUND
CONTRO L
LOGIC
OVERTE MP
UNDERVOLTAGE
STATUS
INPUT


Similar Part No. - VN540

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN540-12-E STMICROELECTRONICS-VN540-12-E Datasheet
151Kb / 13P
SINGLE HIGH SIDE SMART POWER SOLID STATE RELAY
02-Nov-2005
VN540-E STMICROELECTRONICS-VN540-E Datasheet
151Kb / 13P
SINGLE HIGH SIDE SMART POWER SOLID STATE RELAY
02-Nov-2005
VN540SP-E STMICROELECTRONICS-VN540SP-E Datasheet
151Kb / 13P
SINGLE HIGH SIDE SMART POWER SOLID STATE RELAY
02-Nov-2005
VN540SPTR-E STMICROELECTRONICS-VN540SPTR-E Datasheet
151Kb / 13P
SINGLE HIGH SIDE SMART POWER SOLID STATE RELAY
02-Nov-2005
More results

Similar Description - VN540

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-1998
VN02N STMICROELECTRONICS-VN02N Datasheet
193Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN05H STMICROELECTRONICS-VN05H Datasheet
227Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN06SP STMICROELECTRONICS-VN06SP Datasheet
219Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN220 STMICROELECTRONICS-VN220 Datasheet
74Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1999
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02N-E STMICROELECTRONICS-VN02N-E Datasheet
251Kb / 16P
High side smart power solid state relay
07-Nov-2008
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
High side smart power solid state relay
05-Nov-2008
VN06SP13TR STMICROELECTRONICS-VN06SP13TR Datasheet
171Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com