Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC196A Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC196A
Description  1.5A Synchronous Buck Converter with Integrated Power Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC196A Datasheet(HTML) 1 Page - Semtech Corporation

  SC196A Datasheet HTML 1Page - Semtech Corporation SC196A Datasheet HTML 2Page - Semtech Corporation SC196A Datasheet HTML 3Page - Semtech Corporation SC196A Datasheet HTML 4Page - Semtech Corporation SC196A Datasheet HTML 5Page - Semtech Corporation SC196A Datasheet HTML 6Page - Semtech Corporation SC196A Datasheet HTML 7Page - Semtech Corporation SC196A Datasheet HTML 8Page - Semtech Corporation SC196A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
www.semtech.com
SC196A
1.5A Synchronous Buck Converter
with Integrated Power Devices
POWER MANAGEMENT
July 14, 2008
Typical Application Circuit
Applications
The SC196A is a synchronous step-down converter with
integrated power devices. The SC196A is designed for
single-cell Li-Ion battery applications but can also be used
in fixed 3.3V or 5V applications. The switching frequency
is nominally set to 1MHz, allowing the use of small
inductors and capacitors. The maximum current rating of
the internal MOSFET switches allows a DC output current
of 1.5A.
Four programable output voltages 1.00V/1.05V/1.20V/
1.80V are available. See SC196 with external feedback
for other output voltage settings.
The SC196A has a flexible clocking methodology that
allows it to be synchronized to an external oscillator or
controlled by the internal oscillator. The device can
operate in either forced PWM mode or in PSAVE mode. If
PSAVE mode is enabled, the part will automatically enter
PFM at light loads to maintain maximum efficiency across
the full load range.
For noise sensitive applications, PSAVE mode can be
disabled by synchronizing to an external oscillator or
pulling the SYNC/PWM pin high. Shutdown turns off all
the control circuitry to achieve a typical shutdown current
of 0.1μA.
Cell phones
Wireless communication chipset power
Personal media player
Notebook and sub-notebook computers
PDAs and mobile communicators
WLAN peripherals
Up to 93% efficiency
1.00V/1.05V/1.20V/1.80V selectable output voltage
Output current — 1.5A
Quiescent current — 17μA
Input range — 2.7V to 5.5V
Dynamic voltage positioning capability
Fixed 1MHz frequency or 750kHz to 1.25MHz
synchronized operation
PSAVE operation to maximize efficiency at light loads
Minimal external components
Fast transient response
100% duty cycle in dropout
Soft-start
Over-temperature and short-circuit protection
Space-saving lead-free package — MLP-10, 3 x 3mm
Description
Features
SC196A
VIN
LX
EN
SYNC/PWM
VOUT
VID0
VID1
PGND
MODE
GND
CIN
L1
COUT
10μF
10μF
4.7μH
VIN
2.7V to 5.5V
VOUT
1.05V
1.5A


Similar Part No. - SC196A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC196A SEMTECH-SC196A Datasheet
558Kb / 17P
1.5A Synchronous Buck Converter with Integrated Power Devices
SC196AEVB SEMTECH-SC196AEVB Datasheet
558Kb / 17P
1.5A Synchronous Buck Converter with Integrated Power Devices
SC196AMLTRT SEMTECH-SC196AMLTRT Datasheet
558Kb / 17P
1.5A Synchronous Buck Converter with Integrated Power Devices
More results

Similar Description - SC196A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC194A SEMTECH-SC194A Datasheet
777Kb / 17P
1A Synchronous Buck Converter with Integrated Power Devices
SC196 SEMTECH-SC196 Datasheet
657Kb / 18P
1.5A Synchronous Buck Converter with Integrated Power Devices
SC196A SEMTECH-SC196A Datasheet
558Kb / 17P
1.5A Synchronous Buck Converter with Integrated Power Devices
SC192 SEMTECH-SC192 Datasheet
261Kb / 15P
Synchronous Buck Converter with Integrated Power Devices
logo
Intersil Corporation
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
1.5A Synchronous Buck Regulator with Integrated MOSFETs
October 9, 2008
logo
Rohm
BD8964FVM ROHM-BD8964FVM_15 Datasheet
795Kb / 25P
Synchronous Buck Converter with Integrated FET
BD9141MUV ROHM-BD9141MUV_15 Datasheet
958Kb / 26P
Synchronous Buck Converter with Integrated FET
logo
ACE Technology Co., LTD...
ACE7215C ACE-ACE7215C Datasheet
1,013Kb / 10P
1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8027 BELLING-BL8027 Datasheet
722Kb / 5P
1.5A 1.5MHz Synchronous Buck Converter
logo
Major-Power Technology ...
MA5001 MPOWER-MA5001 Datasheet
544Kb / 12P
1.5A 1.5MHz Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com