Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC198 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC198
Description  Dual DC-DC Buck Converter with High Current Capability
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC198 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC198 Datasheet HTML 8Page - Semtech Corporation SC198 Datasheet HTML 9Page - Semtech Corporation SC198 Datasheet HTML 10Page - Semtech Corporation SC198 Datasheet HTML 11Page - Semtech Corporation SC198 Datasheet HTML 12Page - Semtech Corporation SC198 Datasheet HTML 13Page - Semtech Corporation SC198 Datasheet HTML 14Page - Semtech Corporation SC198 Datasheet HTML 15Page - Semtech Corporation SC198 Datasheet HTML 16Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Typical Characteristics (Cont.)
Efficiency vs. Line @ V
OUT = 1.8V
Efficiency vs. Line @ V
OUT = 1V
50
60
70
80
90
100
2.7
3.7
4.7
Input (V)
300mA Load
30mA PWM
30mA PSAVE
Output Ripple for V
IN = 3.6V and
V
OUT = 1.8V @ IOUT = 10mA
Output Ripple for V
IN = 3.6V and
V
OUT = 1.8V @ IOUT = 50mA
20mV/div
2.0V/div
20mV/div
2.0V/div
400ns/div
400ns/div
10mV/div
10mV/div
VIN
VOUT
LX
VIN
VOUT
LX
PSAVE @ 50mA Load
PSAVE @ 30mA Load
4μs/div
4μs/div
50mV/div
50mV/div
2V/div
50mV/div
2V/div
50mV/div
VIN
LX
VOUT
VOUT
VIN
LX
13
© 2007 Semtech Corp.
www.semtech.com
SC198
POWER MANAGEMENT
50
60
70
80
90
100
2.7
3.7
4.7
Input (V)
300mA Load
30mA PWM
30mA PSAVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com