Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U2794B Datasheet(PDF) 2 Page - ATMEL Corporation

Part # U2794B
Description  1000-MHz Quadrature Demodulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U2794B Datasheet(HTML) 2 Page - ATMEL Corporation

  U2794B_08 Datasheet HTML 1Page - ATMEL Corporation U2794B_08 Datasheet HTML 2Page - ATMEL Corporation U2794B_08 Datasheet HTML 3Page - ATMEL Corporation U2794B_08 Datasheet HTML 4Page - ATMEL Corporation U2794B_08 Datasheet HTML 5Page - ATMEL Corporation U2794B_08 Datasheet HTML 6Page - ATMEL Corporation U2794B_08 Datasheet HTML 7Page - ATMEL Corporation U2794B_08 Datasheet HTML 8Page - ATMEL Corporation U2794B_08 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
4653F–CELL–11/08
U2794B
2.
Pin Configuration
Figure 2-1.
Pinning SSO20
1
2
3
4
5
6
7
8
10
9
19
18
17
16
14
15
13
12
11
20
IX
I
II
V
S
V
S
QQ
QQX
IIX
QX
Q
GND
LO
in
GND
PU
PC
PCX
GC
RF
in
RFX
in
LOX
in
Table 2-1.
Pin Description
Pin
Symbol
Function
1IX
IX output
2
I
I output
3
II
II lowpass filter I
4
IIX
IIX lowpass filter I
5V
S
Supply voltage
6V
S
Supply voltage
7RF
in
RF input
8RFX
in
RFX input
9
QQ
QQ lowpass filter Q
10
QQX
QQX lowpass filter Q
11
GC
GC gain control
12
PCX
PCX phase control
13
PC
PC phase control
14
PU
PU power up
15
LOX
in
LOX input
16
GND
Ground
17
LO
in
LO input
18
GND
Ground
19
Q
Q output
20
QX
QX output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com