Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC471MLTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC471MLTRT
Description  Synchronous Buck Controller with Multi-Level VOUT Transition Support
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC471MLTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC471MLTRT Datasheet HTML 5Page - Semtech Corporation SC471MLTRT Datasheet HTML 6Page - Semtech Corporation SC471MLTRT Datasheet HTML 7Page - Semtech Corporation SC471MLTRT Datasheet HTML 8Page - Semtech Corporation SC471MLTRT Datasheet HTML 9Page - Semtech Corporation SC471MLTRT Datasheet HTML 10Page - Semtech Corporation SC471MLTRT Datasheet HTML 11Page - Semtech Corporation SC471MLTRT Datasheet HTML 12Page - Semtech Corporation SC471MLTRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9
© 2008 Semtech Corp.
SC471/SC471A
www.semtech.com
POWER MANAGEMENT
Applications Information
SC471/A Synchronous Buck Controller
The SC471/A is a synchronous power supply controller
which simplifies the task of designing a multi-level power
supply suitable for controlling video chip sets and other
multi-voltage circuits. The SC471/A provides two inputs
(G0/G1) which control internal pull-down transistors used
to select up to four adjustable output voltages.
Battery and +5V Bias Supplies
The SC471/A requires an external +5V bias supply in
addition to the VBAT supply. If stand-alone capability is
required, the +5V bias supply can be generated with an
external linear regulator.
Pseudo-Fixed-Frequency Constant On-Time
PWM Controller
The PWM control method is a constant-on-time, pseudo-
fixed-frequency PWM controller, see Figure 1. The ripple
voltage seen across the output capacitor’s ESR provides
the PWM ramp signal, eliminating the need for a current
sense resistor. The on-time is determined by an internal
one-shot whose period is proportional to output voltage,
and inversely proportional to input voltage. A separate
one-shot sets the minimum off-time (typically 350ns).
Q1
Q2
L
COUT
VBAT
ESR
+
CIN
VOUT
FB Threshold
0.75V
VFB
VLX
VLX
TON
FB
R1
R2
Figure 1
On-Time One-Shot (TON)
The internal on-time one-shot comparator has two inputs.
One input senses output voltage via the VOUT pin, while
the other input samples VBAT via the LX pin and creates
a proportional current which charges an internal capaci-
tor. The TON time is the time required for this capacitor
to charge from zero volts to VOUT, thereby making TON
directly proportional to output voltage and inversely pro-
portional to input voltage. This implementation results in
a fairly constant switching frequency without the need of
a clock generator. The internal frequency is optimized for
325kHz.
The general equation for the on-time is:
TON (nsec) = 2560 • (VOUT/VBAT) + 35
FREQ
NOM (kHz) = 10
6 • VOUT/(2560 • VOUT + 35 • VBAT)
Immediately after the DH on-time, the DL output drives high
to energize the low-side MOSFET. DL has a minimum high
time of typically 350nsec, after which DL will continue to
stay high until one of the following occur:
FB drops to the 0.75V reference
The Zero Cross detector trips if power save is active
The Negative Current Limit detector trips
The Zero Cross detector monitors the voltage across the
low-side MOSFET and trips when it reaches zero. If this oc-
curs on eight consecutive cycles, then DL will subsequently
shut off when the Zero Cross detector trips. See the PSAVE
Operation section. Both MOSFETS will then stay off until
FB drops to 0.75V, which will begin the next DH on-time.
This is normal operation at light load.
The Negative Current Limit detector trips when the drain
voltage at the low-side MOSFET reaches typically +80mV,
indicating a large negative current is being drawn through
the inductor from VOUT. When this occurs, DL drives low.
Both MOSFETS will then stay off until FB drops to 0.75V,
which will begin the next DH on-time. Tripping the Negative
Current detector is rare.
If DL drives low because FB has dropped to the 0.75V refer-
ence, then another DH on-time is started: this is normal
operation at heavy load. If DL drives low because of the
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com