Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN800S Datasheet(PDF) 13 Page - STMicroelectronics

Part # VN800S
Description  HIGH SIDE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN800S Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VN800S Datasheet HTML 9Page - STMicroelectronics VN800S Datasheet HTML 10Page - STMicroelectronics VN800S Datasheet HTML 11Page - STMicroelectronics VN800S Datasheet HTML 12Page - STMicroelectronics VN800S Datasheet HTML 13Page - STMicroelectronics VN800S Datasheet HTML 14Page - STMicroelectronics VN800S Datasheet HTML 15Page - STMicroelectronics VN800S Datasheet HTML 16Page - STMicroelectronics VN800S Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13/22
VN800S / VN800PT
SO-8 PC Board
Rthj-amb Vs PCB copper area in open box free air condition
SO-8 THERMAL DATA
Layout condition of Rth and Zth measurements (PCB FR4 area= 58mm x 58mm, PCB thickness=2mm,
Cu thickness=35
µm, Copper areas: 0.14cm2, 2cm2).
70
75
80
85
90
95
100
105
110
00.5
11.5
22.5
PCB Cu heatsink area (cm^2)
RTHj_amb (ºC/W)
SO8 at 2 pins connected to TAB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com