Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN920DSP Datasheet(PDF) 11 Page - STMicroelectronics

Part # VN920DSP
Description  HIGH SIDE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN920DSP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VN920DSP Datasheet HTML 7Page - STMicroelectronics VN920DSP Datasheet HTML 8Page - STMicroelectronics VN920DSP Datasheet HTML 9Page - STMicroelectronics VN920DSP Datasheet HTML 10Page - STMicroelectronics VN920DSP Datasheet HTML 11Page - STMicroelectronics VN920DSP Datasheet HTML 12Page - STMicroelectronics VN920DSP Datasheet HTML 13Page - STMicroelectronics VN920DSP Datasheet HTML 14Page - STMicroelectronics VN920DSP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/17
VN920DSP
Status Leakage Current
Status Low Output Voltage
Status Clamp Voltage
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0.045
0.05
Ilstat(
µA)
Vstat=5V
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Vstat (V)
Istat=1.6mA
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
6
6.2
6.4
6.6
6.8
7
7.2
7.4
7.6
7.8
8
Vscl (V)
Istat=1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com