Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X700.113236 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # X700.113236
Description  Incremental encoders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

X700.113236 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  X700.113236 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG X700.113236 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.baumerivo.com
www.baumerivo.com
Incremental encoders
www.baumerivo.com
2
X 700 - incremental
Part number
X 700.I 1
See part number (pulses)
E-connection
32 Cable 2 m, axial
34 Cable 5 m, axial
Voltage supply / signals
1 4.75...30 VDC / push-pull
2 5 VDC / RS422
Flange / Shaft
1 Clamping flange / ø10 mm IP 67
EX approval ATEX EEx d IIC T4
Resolution 5...5000 pulses
Part number (pulses)
49 (5)
40 (60)
09 (250)
22 (1000)
36 (10)
41 (100)
13 (360)
23 (1024)
50 (25)
57 (128)
14 (400)
26 (1500)
39 (50)
06 (200)
15 (500)
28 (2000)
Other pulse numbers upon request.
Example: ordering key 23 = 1024 pulses
Core no.
Core colour
Assignment
#1
white
GND
#2
brown
UB
#3
green
Track A
#4
yellow
Track B
#5
grey
Track N
#6
pink
Track A inv.
#7
blue
Track B inv.
#8
red
Track N inv.
Terminal assignment
Dimensions
15
20
10
68
~40
ø50
M5x10 (6x60°)
3
3
(21.5)
Outputs
Push-pull short-circuit proof
Output level High
>UB -1.4 V (I = -20 mA)
Output level Low
<0.5 V (I = 20 mA)
Load High
<20 mA
Load Low
<20 mA
Trigger level



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com