Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN820PT Datasheet(PDF) 2 Page - STMicroelectronics

Part # VN820PT
Description  HIGH SIDE DRIVER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN820PT Datasheet(HTML) 2 Page - STMicroelectronics

  VN820PT Datasheet HTML 1Page - STMicroelectronics VN820PT Datasheet HTML 2Page - STMicroelectronics VN820PT Datasheet HTML 3Page - STMicroelectronics VN820PT Datasheet HTML 4Page - STMicroelectronics VN820PT Datasheet HTML 5Page - STMicroelectronics VN820PT Datasheet HTML 6Page - STMicroelectronics VN820PT Datasheet HTML 7Page - STMicroelectronics VN820PT Datasheet HTML 8Page - STMicroelectronics VN820PT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
2/34
VN820 / VN820SO / VN820SP / VN820-B5 / VN820PT
ABSOLUTE MAXIMUM RATING
CONNECTION DIAGRAM (TOP VIEW)
CURRENT AND VOLTAGE CONVENTIONS
Symbol
Parameter
Value
Unit
PowerSO-10
™ PENTAWATT P2PAK SO-16L PPAK
VCC
DC Supply Voltage
41
V
- VCC
Reverse DC Supply Voltage
- 0.3
V
- IGND
DC Reverse Ground Pin Current
- 200
mA
IOUT
DC Output Current
Internally Limited
A
- IOUT
Reverse DC Output Current
- 9
A
IIN
DC Input Current
+/- 10
mA
ISTAT
DC Status Current
+/- 10
mA
VESD
Electrostatic Discharge
(Human Body Model: R=1.5K
Ω; C=100pF)
- INPUT
- STATUS
- OUTPUT
- VCC
4000
4000
5000
5000
V
V
V
V
EMAX
Maximum Switching Energy (L=4mH; RL=0Ω;
Vbat=13.5V; Tjstart=150ºC; IL=13A)
481
481
mJ
EMAX
Maximum Switching Energy (L=3.7mH;
RL=0Ω; Vbat=13.5V; Tjstart=150ºC; IL=13A)
438
mJ
EMAX
Maximum Switching Energy (L=4.48mH;
RL=0Ω; Vbat=13.5V; Tjstart=150ºC; IL=13A)
526
mJ
Ptot
Power Dissipation TC=25°C
65.8
65.8
65.8
8.3
65.8
W
Tj
Junction Operating Temperature
Internally Limited
°C
Tc
Case Operating Temperature
- 40 to 150
°C
Tstg
Storage Temperature
- 55 to 150
°C
PPAK / P
2PAK / PENTAWATT
1
2
3
4
5
6
7
8
9
10
11
OUTPUT
OUTPUT
N.C.
OUTPUT
OUTPUT
GROUND
INPUT
STATUS
N.C.
N.C.
VCC
PowerSO-10™
VCC
OUTPUT
OUTPUT
OUTPUT
OUTPUT
VCC
OUTPUT
OUTPUT
VCC
N.C.
N.C.
STATUS
INPUT
VCC
GND
N.C.
1
8
9
16
SO-16L
INPUT
IS
IIN
VIN
VCC
STATUS
ISTAT
VSTAT
GND
VCC
IOUT
VOUT
IGND
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com