Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z121.C01 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # Z121.C01
Description  Accessories & Service
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

Z121.C01 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  Z121.C01 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.baumerivo.com
Accessories & Service
1
Mounting accessories
Mounting accessories
Dimensions
Part number
Z 121.C01
Spring washer coupling D1=06 / D2=10
Z 121.C02
Spring washer coupling D1=06 / D2=06
Z 121.C03
Spring washer coupling D1=10 / D2=10
Z 121.C04
Spring washer coupling D1=10 / D2=16
22
7
7
Technical data
Operating speed
≤12000 rpm
Torque
≤0.6 Ncm
Moment of inertia
29.5 gcm2
Torsion spring stiffness
50 Nm/rad
Radial offset
±0.3 mm
Angular shift
±2.5°
Axial offset
±0.4 mm
Operating temperature
-10...+100 °C
Assembly
Plug-in
Materials
Clamping ring: aluminium
Spring washer: plastic
Weight approx.
26 g


Similar Part No. - Z121.C01

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
Z121.D01 IVO-Z121.D01 Datasheet
219Kb / 1P
Accessories & Service
Z121.D02 IVO-Z121.D02 Datasheet
219Kb / 1P
Accessories & Service
More results

Similar Description - Z121.C01

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
Z00105A IVO-Z00105A Datasheet
158Kb / 1P
Accessories & Service
Z119 IVO-Z119 Datasheet
156Kb / 1P
Accessories & Service
Z127 IVO-Z127 Datasheet
155Kb / 1P
Accessories & Service
Z181 IVO-Z181 Datasheet
212Kb / 1P
Accessories & Service
Z182 IVO-Z182 Datasheet
162Kb / 1P
Accessories & Service
Z10002A IVO-Z10002A Datasheet
177Kb / 1P
Accessories & Service
Z119006 IVO-Z119006 Datasheet
155Kb / 1P
Accessories & Service
Z119025 IVO-Z119025 Datasheet
167Kb / 1P
Accessories & Service
Z139005 IVO-Z139005 Datasheet
204Kb / 1P
Accessories & Service
Z150022 IVO-Z150022 Datasheet
147Kb / 1P
Accessories & Service
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com