Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNB10N07 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VNB10N07
Description  O"MNIFET”: FULLY AUTOPROTECTED POWER MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNB10N07 Datasheet(HTML) 2 Page - STMicroelectronics

  VNB10N07 Datasheet HTML 1Page - STMicroelectronics VNB10N07 Datasheet HTML 2Page - STMicroelectronics VNB10N07 Datasheet HTML 3Page - STMicroelectronics VNB10N07 Datasheet HTML 4Page - STMicroelectronics VNB10N07 Datasheet HTML 5Page - STMicroelectronics VNB10N07 Datasheet HTML 6Page - STMicroelectronics VNB10N07 Datasheet HTML 7Page - STMicroelectronics VNB10N07 Datasheet HTML 8Page - STMicroelectronics VNB10N07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Unit
Pow erSO-10
D2PAK
SOT -82FM
I SOW AT T220
VDS
Drain-source Volt age (Vin = 0)
Internally Clamped
V
Vin
Input Voltage
18
V
ID
Drain Current
Internally Limited
A
IR
Reverse DC O utput Current
-14
A
Vesd
Electrostatic Discharge (C= 100 pF,
R=1.5 K
Ω)
2000
V
Ptot
Tot al Dissipation at Tc =25
oC50
9.5
31
W
Tj
Operating Junct ion T emperature
Internally Limited
oC
Tc
Case O perat ing T emperature
Internally Limited
oC
Tstg
Storage Temperature
-55 t o 150
oC
THERMAL DATA
ISOW ATT220
Po werSO -10
SOT82-FM
D2PAK
Rthj-ca se Thermal Resistance
Junction-case
Max
4
2.5
13
2.5
oC/W
Rthj-a mb Thermal Resistance
Junction-ambient
Max
62.5
50
100
62.5
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VCLAMP
Drain-source Clamp
Voltage
ID = 200 mA
Vin = 0
60
70
80
V
VCLTH
Drain-source Clamp
Threshold Voltage
ID =2 mA
Vin =0
55
V
VINCL
Input-Source Reverse
Clamp Volt age
Iin =-1 mA
-1
-0.3
V
IDSS
Zero Input Voltage
Drain Current (Vin =0)
VDS =13 V
Vin =0
VDS =25 V
Vin =0
50
200
µA
µA
IISS
Supply Current from
Input Pin
VDS =0 V
Vin = 10 V
250
500
µA
ON (
∗)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VIN(th)
Input Threshold
Voltage
VDS =Vin
ID +Iin =1 mA
0. 8
3
V
RDS(on)
St atic Drain-source On
Resistance
Vin =10 V
ID =5 A
Vin =5 V
ID =5 A
0.1
0.14
Ω
Ω
VNB10N07-VNK10N07FM-VNP10N07FI-VNV10N07
2/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com