Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND05B Datasheet(PDF) 1 Page - STMicroelectronics

Part # VND05B
Description  DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND05B Datasheet(HTML) 1 Page - STMicroelectronics

  VND05B Datasheet HTML 1Page - STMicroelectronics VND05B Datasheet HTML 2Page - STMicroelectronics VND05B Datasheet HTML 3Page - STMicroelectronics VND05B Datasheet HTML 4Page - STMicroelectronics VND05B Datasheet HTML 5Page - STMicroelectronics VND05B Datasheet HTML 6Page - STMicroelectronics VND05B Datasheet HTML 7Page - STMicroelectronics VND05B Datasheet HTML 8Page - STMicroelectronics VND05B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
November 1999
1/11
®
1
VND05B
/ VND05B (011Y) / VND05B (012Y)
DOUBLE CHANNEL
HIGH SIDE SMART POWER SOLID STATE RELAY
1
s
OUTPUT CURRENT (CONTINUOUS): 9A AT
Tc=85°C PER CHANNEL
s
5V LOGIC LEVEL COMPATIBLE INPUT
s
THERMAL SHUT-DOWN
s
UNDERVOLTAGE PROTECTION
s
OPEN DRAIN DIAGNOSTIC OUTPUT
s
INDUCTIVE LOAD FAST DEMAGNETIZATION
s
VERY LOW STAND-BY POWER DISSIPATION
DESCRIPTION
The VND05B, VND05B (011Y), VND05B (012Y) is
a
monolithic
device
designed
in
STMicroelectronics VIPower technology, intended
for driving resistive or inductive loads with one
side connected to ground. This device has two
channels, and a common diagnostic. Built-in
thermal
shutdown
protects
the
chip
from
overtemperature and short circuit. The status
output provides an indication of open load in on
state, open load in off state, overtemperature
conditions and stuck-on to VCC.
TYPE
VDSS
RDS(on)
In (*)
VCC
VND05B
VND05B (011Y)
VND05B (012Y)
40V
200m
Ω
1.6A
26 V
HEPTAWATT
HEPTAWATT
HEPTAWATT
ORDER CODES
HEPTAWATT vertical
HEPTAWATT horizontal
HEPTAWATT in-line
VND05B
VND05B (011Y)
VND05B (012Y)
(vertical)
(horizontal)
(in-line)
BLOCK DIAGRAM
(*) In= Nominal current according to ISO definition for high side automotive switch (see note 1)


Similar Part No. - VND05B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND05B STMICROELECTRONICS-VND05B Datasheet
264Kb / 11P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
Nov-1999
VND05B-E STMICROELECTRONICS-VND05B-E Datasheet
264Kb / 11P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
Nov-1999
VND05B011Y STMICROELECTRONICS-VND05B011Y Datasheet
264Kb / 11P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
Nov-1999
VND05B012Y STMICROELECTRONICS-VND05B012Y Datasheet
264Kb / 11P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
Nov-1999
VND05BSP STMICROELECTRONICS-VND05BSP Datasheet
226Kb / 9P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Apr-2001
More results

Similar Description - VND05B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-1998
VN220 STMICROELECTRONICS-VN220 Datasheet
74Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1999
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN540 STMICROELECTRONICS-VN540 Datasheet
85Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Oct-1999
VND10B STMICROELECTRONICS-VND10B Datasheet
186Kb / 11P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VND10B STMICROELECTRONICS-VND10B_04 Datasheet
213Kb / 13P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
High side smart power solid state relay
05-Nov-2008
VND05B-E STMICROELECTRONICS-VND05B-E Datasheet
264Kb / 11P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
Nov-1999
VND10B-11-E STMICROELECTRONICS-VND10B-11-E Datasheet
222Kb / 13P
DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com