Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND05BSP Datasheet(PDF) 3 Page - STMicroelectronics

Part # VND05BSP
Description  ISO HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND05BSP Datasheet(HTML) 3 Page - STMicroelectronics

  VND05BSP Datasheet HTML 1Page - STMicroelectronics VND05BSP Datasheet HTML 2Page - STMicroelectronics VND05BSP Datasheet HTML 3Page - STMicroelectronics VND05BSP Datasheet HTML 4Page - STMicroelectronics VND05BSP Datasheet HTML 5Page - STMicroelectronics VND05BSP Datasheet HTML 6Page - STMicroelectronics VND05BSP Datasheet HTML 7Page - STMicroelectronics VND05BSP Datasheet HTML 8Page - STMicroelectronics VND05BSP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient ($)
Max
2.1
50
oC/W
oC/W
($) When mounted using minimum recommended pad size on FR-4 board
ELECTRICAL CHARACTERISTICS (8 < VCC < 16 V; -40
≤ Tj ≤ 125 oC unless otherwise specified)
POWER
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
6
13
26
V
In(*)
Nominal Current
Tc = 85
oC VDS(on)
≤ 0.5 VCC = 13 V
1.6
2.6
A
Ron
On State Resistance
IOUT = In VCC = 13 V
Tj = 25
oC
0.13
0.2
IS
Supply Current
Off State
Tj = 25
oC
VCC = 13 V
35
100
µA
VDS(MAX)
Maximum Voltage Drop IOUT = 7.5 A
Tj = 85
oC V
CC = 13 V
1.44
2.3
V
Ri
Output to GND internal
Impedance
Tj = 25
o C
5
10
20
K
SWITCHING
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)(^)
Turn-on Delay Time Of
Output Current
Rout = 5.4
5
25
200
µs
tr(^)
Rise Time Of Output
Current
Rout = 5.4
10
50
180
µs
td(off)(^)
Turn-off Delay Time Of
Output Current
Rout = 5.4
10
75
250
µs
tf(^)
Fall Time Of Output
Current
Rout = 5.4
10
35
180
µs
(di/dt)on
Turn-on Current Slope
Rout = 5.4
0.003
0.1
A/
µs
(di/dt)off
Turn-off Current Slope
Rout = 5.4
0.005
0.1
A/
µs
LOGIC INPUT
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIL
Input Low Level
Voltage
1.5
V
VIH
Input High Level
Voltage
3.5
(
•)V
VI(hyst.)
Input Hysteresis
Voltage
0.2
0.9
1.5
V
IIN
Input Current
VIN = 5 V
Tj = 25
o C
30
100
µA
VICL
Input Clamp Voltage
IIN = 10 mA
IIN = -10 mA
56
-0.7
7V
V
VND05BSP
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com