Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND05 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VND05
Description  DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND05 Datasheet(HTML) 3 Page - STMicroelectronics

  VND05 Datasheet HTML 1Page - STMicroelectronics VND05 Datasheet HTML 2Page - STMicroelectronics VND05 Datasheet HTML 3Page - STMicroelectronics VND05 Datasheet HTML 4Page - STMicroelectronics VND05 Datasheet HTML 5Page - STMicroelectronics VND05 Datasheet HTML 6Page - STMicroelectronics VND05 Datasheet HTML 7Page - STMicroelectronics VND05 Datasheet HTML 8Page - STMicroelectronics VND05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
VND05B / VND05B (011Y) / VND05B (012Y)
THERMAL DATA
ELECTRICAL CHARACTERISTICS (8V<VCC<16V; -40°C≤Tj≤125°C; unless otherwise specified)
POWER
SWITCHING
LOGIC INPUT
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
(MAX)
2.1
°C/W
Rthj-amb
Thermal resistance junction-ambient
(MAX)
60
°C/W
Symbol
Parameter
Test Condit ions
Min
Typ
Max
Unit
VCC
Supply voltage
6
13
26
V
In (*)
Nominal current
Tc=85°C; VDS(on)≤0.5V; VCC=13V
1.6
2.6
A
RON
On state resistance
IOUT=In;VCC=13V; Tj=25°C
0.13
0.2
Ω
IS
Supply current
Off state; Tj=25°C; VCC=13V
35
100
µA
VDS(MAX)
Maximum voltage Drop
IOUT=7.5A; Tj=85°C; VCC=13V
1.44
2.3
V
Ri
Output to GND internal
impedance
Tj=25°C
5
10
20
K
Ω
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
td(on) (^)
Turn-on delay time of
output current
ROUT=5.4Ω
5
25
200
µs
tr (^)
Rise time of output current ROUT=5.4Ω
10
50
180
µs
td(off) (^)
Turn-off delay time of
output current
ROUT=5.4Ω
10
75
250
µs
tf (^)
Fall time of output current ROUT=5.4Ω
10
35
180
µs
(di/dt)on
Turn-on current slope
ROUT=5.4Ω
0.003
0.1
A/
µs
(di/dt)off
Turn-off current slope
ROUT=5.4Ω
0.005
0.1
A/
µs
Symbol
Parameter
Test Condit ions
Min
Typ
Max
Unit
VIL
Input low level voltage
1.5
V
VIH
Input high level voltage
3.5
(
•)V
VI(hyst)
Input hysteresis voltage
0.2
0.9
1.5
V
IIN
Input current
VIN=5V; Tj=25°C30
100
µA
VICL
Input clamp voltage
IIN=10mA
IIN=-10mA
56
-0.7
7V
V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com