Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS3.3.TC Datasheet(PDF) 7 Page - Semtech Corporation

Part # SMS3.3.TC
Description  3.3 Volt TVS Array For ESD and Latch-Up Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMS3.3.TC Datasheet(HTML) 7 Page - Semtech Corporation

  SMS3.3.TC Datasheet HTML 1Page - Semtech Corporation SMS3.3.TC Datasheet HTML 2Page - Semtech Corporation SMS3.3.TC Datasheet HTML 3Page - Semtech Corporation SMS3.3.TC Datasheet HTML 4Page - Semtech Corporation SMS3.3.TC Datasheet HTML 5Page - Semtech Corporation SMS3.3.TC Datasheet HTML 6Page - Semtech Corporation SMS3.3.TC Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
 2004 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SMS3.3
Contact Information
Semtech Corporation
Protection Products Division
200 Flynn Rd., Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Note:
(1) No suffix indicates tube pack.
Ordering Information
Marking
Tape and Reel Specification
Tape Specifications (per EIA 481)
Device Orientation in Tape:
Top Side Mark
Reel Material:
Static Dissipative
Tape Material:
Static Dissipative
Tape Width:
8mm +/- 0.30mm
Component Pitch (max.): 4mm +/- 0.10mm
Component Cavity Play: 20°
Direction of Feed
r
e
b
m
u
N
t
r
a
Ph
s
i
n
i
F
d
a
e
L
r
e
p
y
t
Q
l
e
e
R
e
z
i
S
l
e
e
R
C
T
.
3
.
3
S
M
Sb
P
n
S0
0
0
,
3h
c
n
I
7
T
C
T
.
3
.
3
S
M
Se
e
r
f
b
P0
0
0
,
3h
c
n
I
7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com