Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS3.3.TCT Datasheet(PDF) 2 Page - Semtech Corporation

Part # SMS3.3.TCT
Description  3.3 Volt TVS Array For ESD and Latch-Up Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMS3.3.TCT Datasheet(HTML) 2 Page - Semtech Corporation

  SMS3.3.TCT Datasheet HTML 1Page - Semtech Corporation SMS3.3.TCT Datasheet HTML 2Page - Semtech Corporation SMS3.3.TCT Datasheet HTML 3Page - Semtech Corporation SMS3.3.TCT Datasheet HTML 4Page - Semtech Corporation SMS3.3.TCT Datasheet HTML 5Page - Semtech Corporation SMS3.3.TCT Datasheet HTML 6Page - Semtech Corporation SMS3.3.TCT Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
 2004 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SMS3.3
Absolute Maximum Rating
Electrical Characteristics
3
.
3
S
M
S
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C-
u
m
i
n
i
M
m
l
a
c
i
p
y
T-
u
m
i
x
a
M
m
-
t
i
n
U
s
e
g
a
t
l
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
W
R
3
.
3V
e
g
a
t
l
o
V
h
g
u
o
r
h
T
-
h
c
n
u
PV
T
P
I
T
P
A
µ
2
=5
.
3V
e
g
a
t
l
o
V
k
c
a
B
-
p
a
n
SV
B
S
I
B
S
A
m
0
5
=8
.
2V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
M
W
R
C
°
5
2
=
T
,
V
3
.
3
=5
0
.
05
.
0A
µ
e
g
a
t
l
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
s
µ
0
2
/
8
=
p
t
,
A
1
=
d
n
u
o
r
G
o
t
O
/
I
y
n
A
5
.
4V
e
g
a
t
l
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
s
µ
0
2
/
8
=
p
t
,
A
5
=
d
n
u
o
r
G
o
t
O
/
I
y
n
A
8
.
6V
e
g
a
t
l
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
s
µ
0
2
/
8
=
p
t
,
A
2
1
=
d
n
u
o
r
G
o
t
O
/
I
y
n
A
7
.
8V
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
D
g
n
i
r
e
e
t
S
)
e
g
a
t
l
o
V
g
n
i
p
m
a
l
C
e
s
r
e
v
e
R
(
V
F
I
P
P
s
µ
0
2
/
8
=
p
t
,
A
1
=
d
n
u
o
r
G
o
t
O
/
I
y
n
A
7
.
1V
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
JC
j
d
n
a
n
i
p
O
/
I
h
c
a
E
d
n
u
o
r
G
V
R
z
H
M
1
=
f
,
V
0
=
5
30
4F
p
g
n
i
t
a
Rl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
)
s
µ
0
2
/
8
=
p
t
(
r
e
w
o
P
e
s
l
u
P
k
a
e
PP
k
p
0
0
2s
t
t
a
W
)
s
µ
0
2
/
8
=
p
t
(
t
n
e
r
r
u
C
e
s
l
u
P
k
a
e
PI
P
P
2
1A
)
r
i
A
(
2
-
4
-
0
0
0
1
6
C
E
I
r
e
p
D
S
E
)
t
c
a
t
n
o
C
(
2
-
4
-
0
0
0
1
6
C
E
I
r
e
p
D
S
E
V
D
S
E
5
2
>
5
1
>
V
k
e
r
u
t
a
r
e
p
m
e
T
g
n
i
r
e
d
l
o
ST
L
)
s
d
n
o
c
e
s
0
1
(
0
6
2
o
C
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
OT
J
5
2
1
+
o
t
5
5
-
o
C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-
o
C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com