Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS05.TC Datasheet(PDF) 7 Page - Semtech Corporation

Part # SMS05.TC
Description  TVS Diode Array For ESD and Latch-Up Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMS05.TC Datasheet(HTML) 7 Page - Semtech Corporation

  SMS05.TC Datasheet HTML 1Page - Semtech Corporation SMS05.TC Datasheet HTML 2Page - Semtech Corporation SMS05.TC Datasheet HTML 3Page - Semtech Corporation SMS05.TC Datasheet HTML 4Page - Semtech Corporation SMS05.TC Datasheet HTML 5Page - Semtech Corporation SMS05.TC Datasheet HTML 6Page - Semtech Corporation SMS05.TC Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
 2004 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SMS05 through SMS24
Contact Information
Semtech Corporation
Protection Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Note:
(1) No suffix indicates tube pack.
Marking Codes
Ordering Information
r
e
b
m
u
N
t
r
a
P
g
n
i
k
r
a
M
e
d
o
C
5
0
S
M
S5
0
/
5
0
2
1
S
M
S2
1
/
2
1
5
1
S
M
S5
1
/
5
1
4
2
S
M
S4
2
/
4
2
r
e
b
m
u
N
t
r
a
P
d
a
e
L
h
s
i
n
i
F
r
e
p
y
t
Q
l
e
e
R
e
z
i
S
l
e
e
R
C
T
.
5
0
S
M
Sb
P
n
S0
0
0
,
3h
c
n
I
7
C
T
.
2
1
S
M
Sb
P
n
S0
0
0
,
3h
c
n
I
7
C
T
.
5
1
S
M
Sb
P
n
S0
0
0
,
3h
c
n
I
7
C
T
.
4
2
S
M
Sb
P
n
S0
0
0
,
3h
c
n
I
7
T
C
T
.
5
0
S
M
Se
e
r
F
b
P0
0
0
,
3h
c
n
I
7
T
C
T
.
2
1
S
M
Se
e
r
F
b
P0
0
0
,
3h
c
n
I
7
T
C
T
.
5
1
S
M
Se
e
r
F
b
P0
0
0
,
3h
c
n
I
7
T
C
T
.
4
2
S
M
Se
e
r
F
b
P0
0
0
,
3h
c
n
I
7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com