Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM05 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SM05
Description  TVS Diode Array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SM05 Datasheet(HTML) 1 Page - Semtech Corporation

  SM05 Datasheet HTML 1Page - Semtech Corporation SM05 Datasheet HTML 2Page - Semtech Corporation SM05 Datasheet HTML 3Page - Semtech Corporation SM05 Datasheet HTML 4Page - Semtech Corporation SM05 Datasheet HTML 5Page - Semtech Corporation SM05 Datasheet HTML 6Page - Semtech Corporation SM05 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
www.semtech.com
PROTECTION PRODUCTS
SM05 through SM36
TVS Diode Array
Description
Features
Circuit Diagram
Schematic & PIN Configuration
Revision 07/12/04
The SM series of transient voltage suppressors (TVS)
are designed to protect components which are
connected to data and transmission lines from voltage
surges caused by electrostatic discharge (ESD),
electrical fast transients (EFT), and lightning.
TVS diodes are characterized by their high surge
capability, low operating and clamping voltages, and
fast response time. This makes them ideal for use as
board level protection of sensitive semiconductor
components. The dual-junction common-anode design
allows the user to protect one bidirectional data line or
two unidirectional lines. The low profile SOT23
package allows flexibility in the design of “crowded”
circuit boards.
The SM series will meet the surge requirements of IEC
61000-4-2 (Formerly IEC 801-2), Level 4, “Human
Body Model” for air and contact discharge.
Applications
Mechanical Characteristics
Cellular Handsets and Accessories
Portable Electronics
Industrial Controls
Set-Top Box
Servers, Notebook, and Desktop PC
300 watts peak pulse power (t
p = 8/20µs)
Transient protection for data & power lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 12A (8/20µs)
Protects one bidirectional line or two unidirectional
lines
Working Voltages: 5V, 12V, 15V, 24 and 36V
Low clamping voltage
Solid-state silicon avalanche technology
JEDEC SOT23 package
Molding compound flammability rating: UL 94V-0
Marking : Marking Code
Packaging : Tape and Reel per EIA 481
SOT23 (Top View)


Similar Part No. - SM05

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM05 SEMTECH-SM05 Datasheet
171Kb / 7P
TVS Diode Array
logo
Micro Commercial Compon...
SM05 MCC-SM05 Datasheet
416Kb / 2P
Transient Voltage Suppressor 500 Watt
logo
Microsemi Corporation
SM05 MICROSEMI-SM05 Datasheet
138Kb / 2P
TVSarray Series
logo
ON Semiconductor
SM05 ONSEMI-SM05 Datasheet
216Kb / 2P
Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
logo
Diodes Incorporated
SM05 DIODES-SM05 Datasheet
75Kb / 4P
DUAL SURFACE MOUNT TVS
DS31828 Rev. 4 - 2
More results

Similar Description - SM05

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSAZ5V6T3 YEASHIN-YSAZ5V6T3 Datasheet
855Kb / 3P
TVS DIODE ARRAY
YSOTXXC YEASHIN-YSOTXXC Datasheet
800Kb / 3P
TVS DIODE ARRAY
logo
Galaxy Semi-Conductor H...
SM15 BILIN-SM15 Datasheet
111Kb / 3P
TVS DIODE ARRAY
Rev.A
SM24 BILIN-SM24 Datasheet
111Kb / 3P
TVS DIODE ARRAY
logo
Rectron Semiconductor
TEMP03 RECTRON-TEMP03 Datasheet
352Kb / 5P
TVS Diode Array
logo
Shanghai Leiditech Elec...
SM12T1 LEIDITECH-SM12T1 Datasheet
373Kb / 3P
TVS Diode Array
SM48 LEIDITECH-SM48 Datasheet
312Kb / 3P
TVS Diode Array
GSOT05C LEIDITECH-GSOT05C Datasheet
447Kb / 3P
TVS Diode Array
Rev : 01.06.2014
logo
TECH PUBLIC Electronics...
SM05T1G-TP TECHPUBLIC-SM05T1G-TP Datasheet
977Kb / 4P
TVS Diode Array
logo
Guangdong Youtai Semico...
SMXX UMW-SMXX Datasheet
425Kb / 3P
TVS Diode Array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com