Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND7N04 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VND7N04
Description  ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND7N04 Datasheet(HTML) 1 Page - STMicroelectronics

  VND7N04 Datasheet HTML 1Page - STMicroelectronics VND7N04 Datasheet HTML 2Page - STMicroelectronics VND7N04 Datasheet HTML 3Page - STMicroelectronics VND7N04 Datasheet HTML 4Page - STMicroelectronics VND7N04 Datasheet HTML 5Page - STMicroelectronics VND7N04 Datasheet HTML 6Page - STMicroelectronics VND7N04 Datasheet HTML 7Page - STMicroelectronics VND7N04 Datasheet HTML 8Page - STMicroelectronics VND7N04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
VND7N04/VND7N04-1
VNP7N04FI/K7N04FM
”OMNIFET”:
FULLY AUTOPROTECTED POWER MOSFET
®
February 2000
BLOCK DIAGRAM
TYPE
Vclamp
RDS(on)
Ilim
VND7N04
VND7N04-1
VNP7N04F I
VNK7N04F M
42 V
42 V
42 V
42 V
0.14
Ω
0.14
Ω
0.14
Ω
0.14
Ω
7A
7A
7A
7A
s
LINEAR CURRENT LIMITATION
s
THERMAL SHUT DOWN
s
SHORT CIRCUIT PROTECTION
s
INTEGRATED CLAMP
s
LOW CURRENT DRAWN FROM INPUT PIN
s
DIAGNOSTIC FEEDBACK THROUGH INPUT
PIN
s
ESD PROTECTION
s
DIRECT ACCESS TO THE GATE OF THE
POWER MOSFET (ANALOG DRIVING)
s
COMPATIBLE WITH STANDARD POWER
MOSFET
DESCRIPTION
The VND7N04, VND7N04-1, VNP7N04FI and
VNK7N04FM are monolithic devices made using
STMicroeletronics
VIPower
M0
Technology,
intended for replacement of standard power
MOSFETS in DC to 50 KHz applications. Built-in
thermal shut-down, linear current limitation and
overvoltage clamp protect the chip in harsh
enviroments.
Fault feedback can be detected by monitoring the
voltage at the input pin.
SOT82-FM
1
3
1
2
3
ISOWATT220
DPAK
TO-252
3
2
1
IPAK
TO-251
1/14


Similar Part No. - VND7N04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND7N04 STMICROELECTRONICS-VND7N04 Datasheet
511Kb / 17P
"OMNIFET"Fully autoprotected power MOSFET
18-Mar-2009
VND7N04 STMICROELECTRONICS-VND7N04 Datasheet
602Kb / 18P
Fully autoprotected power MOSFET
25-Sep-2013
VND7N04 STMICROELECTRONICS-VND7N04 Datasheet
601Kb / 18P
"OMNIFET": Fully autoprotected power MOSFET
25-Sep-2013
VND7N04-1 STMICROELECTRONICS-VND7N04-1 Datasheet
511Kb / 17P
"OMNIFET"Fully autoprotected power MOSFET
18-Mar-2009
VND7N04-1 STMICROELECTRONICS-VND7N04-1 Datasheet
602Kb / 18P
Fully autoprotected power MOSFET
25-Sep-2013
More results

Similar Description - VND7N04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNB10N07 STMICROELECTRONICS-VNB10N07 Datasheet
159Kb / 14P
O"MNIFET”: FULLY AUTOPROTECTED POWER MOSFET
Jun-1998
VNB14N04 STMICROELECTRONICS-VNB14N04 Datasheet
157Kb / 14P
O"MNIFET”: FULLY AUTOPROTECTED POWER MOSFET
Jun-1998
VNH100N04 STMICROELECTRONICS-VNH100N04 Datasheet
91Kb / 7P
”OMNIFET”: FULLY AUTOPROTECTED POWER MOSFET
Sep-1994
VNP10N06 STMICROELECTRONICS-VNP10N06 Datasheet
126Kb / 11P
O"MNIFET”: FULLY AUTOPROTECTED POWER MOSFET
Jun-1997
VNP10N07 STMICROELECTRONICS-VNP10N07 Datasheet
134Kb / 11P
O"MNIFET”: FULLY AUTOPROTECTED POWER MOSFET
Apr-1996
VNP14N04 STMICROELECTRONICS-VNP14N04 Datasheet
132Kb / 11P
O"MNIFET”: FULLY AUTOPROTECTED POWER MOSFET
Apr-1996
VNP20N07 STMICROELECTRONICS-VNP20N07 Datasheet
136Kb / 11P
O"MNIFET”: FULLY AUTOPROTECTED POWER MOSFET
Apr-1996
VNP35N07FI STMICROELECTRONICS-VNP35N07FI Datasheet
139Kb / 13P
O"MNIFET”: FULLY AUTOPROTECTED POWER MOSFET
Jun-1998
VNP5N07 STMICROELECTRONICS-VNP5N07 Datasheet
132Kb / 11P
O"MNIFET”: FULLY AUTOPROTECTED POWER MOSFET
Apr-1996
VNP7N04 STMICROELECTRONICS-VNP7N04 Datasheet
133Kb / 11P
O"MNIFET”: FULLY AUTOPROTECTED POWER MOSFET
Jun-1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com