Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND810 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VND810
Description  DOUBLE CHANNEL HIGH SIDE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND810 Datasheet(HTML) 4 Page - STMicroelectronics

  VND810 Datasheet HTML 1Page - STMicroelectronics VND810 Datasheet HTML 2Page - STMicroelectronics VND810 Datasheet HTML 3Page - STMicroelectronics VND810 Datasheet HTML 4Page - STMicroelectronics VND810 Datasheet HTML 5Page - STMicroelectronics VND810 Datasheet HTML 6Page - STMicroelectronics VND810 Datasheet HTML 7Page - STMicroelectronics VND810 Datasheet HTML 8Page - STMicroelectronics VND810 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4/19
VND810
ELECTRICAL CHARACTERISTICS (continued)
STATUS PIN
PROTECTIONS
OPENLOAD DETECTION
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VSTAT
Status Low Output Voltage ISTAT= 1.6 mA
0.5
V
ILSTAT
Status Leakage Current
Normal Operation; VSTAT= 5V
10
µA
CSTAT
Status Pin Input
Capacitance
Normal Operation; VSTAT= 5V
100
pF
VSCL
Status Clamp Voltage
ISTAT= 1mA
ISTAT= - 1mA
66.8
-0.7
8V
V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
TTSD
Shut-down Temperature
150
175
200
°C
TR
Reset Temperature
135
°C
Thyst
Thermal Hysteresis
7
15
°C
tSDL
Status Delay in Overload
Conditions
Tj>TTSD
20
µs
Ilim
Current limitation
5.5V<VCC<36V
3.5
5
7.5
7.5
A
A
Vdemag
Turn-off Output Clamp
Voltage
IOUT=1A; L=6mH
VCC-41 VCC-48 VCC-55
V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
IOL
Openload ON State
Detection Threshold
VIN=5V
20
40
80
mA
tDOL(on)
Openload ON State
Detection Delay
IOUT=0A
200
µs
VOL
Openload OFF State
Voltage Detection
Threshold
VIN=0V
1.5
2.5
3.5
V
tDOL(off)
Openload Detection Delay
at Turn Off
1000
µs
2
VINn
VSTAT n
tDOL(off)
OPEN LOAD STATUS TIMING (with external pull-up)
VINn
VSTAT n
OVERTEMP STATUS TIMING
tSDL
tSDL
IOUT < IOL
VOUT> VOL
tDOL(on)
Tj > TTSD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com