Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCLAMP0502P Datasheet(PDF) 1 Page - Semtech Corporation

Part # UCLAMP0502P
Description  關ClampTM 2-Line ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UCLAMP0502P Datasheet(HTML) 1 Page - Semtech Corporation

  UCLAMP0502P Datasheet HTML 1Page - Semtech Corporation UCLAMP0502P Datasheet HTML 2Page - Semtech Corporation UCLAMP0502P Datasheet HTML 3Page - Semtech Corporation UCLAMP0502P Datasheet HTML 4Page - Semtech Corporation UCLAMP0502P Datasheet HTML 5Page - Semtech Corporation UCLAMP0502P Datasheet HTML 6Page - Semtech Corporation UCLAMP0502P Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PROTECTION PRODUCTS
1
www.semtech.com
PROTECTION PRODUCTS - MicroClampTM
uClamp0502P
μClampTM
2-Line ESD protection
Description
Features
Dimensions
Schematic & PIN Configuration
Revision 06/25/2008
The μClampTM series of TVS arrays are designed to pro-
tect sensitive electronics from damage or latch-up due
to ESD. It is designed to replace multilayer varistors
(MLVs) in portable applications such as cell phones, note-
book computers, and PDAs. It features large cross-sec-
tional area junctions for conducting high transient cur-
rents. It offers superior electrical characteristics such
as lower clamping voltage and no device degradation
when compared to MLVs. They offer desirable charac-
teristics for board level protection including fast response
time, low operating and clamping voltage, and no device
degradation.
The μClampTM0502P is in a 3-pin, RoHS/WEEE compli-
ant, SLP1006P3 package. It measures 1.0 x 0.6 x
0.5mm. The leads are spaced at a pitch of 0.65mm
and are finished with lead-free NiPdAu. Each device
will protect two lines operating at 5 volts. It gives the
designer the flexibility to protect single lines in applica-
tions where arrays are not practical. They may be used
to meet the ESD immunity requirements of IEC 61000-
4-2, Level 4 (±15kV air, ±8kV contact discharge). The
combination of small size and high ESD surge capability
makes them ideal for use in portable applications such
as cellular phones, digital cameras, and MP3 players.
Applications
Mechanical Characteristics
Cellular Handsets & Accessories
Personal Digital Assistants (PDAs)
Notebooks & Handhelds
Portable Instrumentation
Digital Cameras
Peripherals
MP3 Players
Transient protection for data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (tp = 5/50ns)
Cable Discharge Event (CDE)
Ultra-small package (1.0 x 0.6 x 0.5mm)
Protects two data lines
Low clamping voltage
Working voltage: 5V
Low leakage current
Solid-state silicon-avalanche technology
SLP1006P3 package
RoHS/WEEE Compliant
Nominal Dimensions: 1.0 x 0.6 x 0.5 mm
Lead Finish: NiPdAu
Molding compound flammability rating: UL 94V-0
Marking : Marking code, cathode band
Packaging : Tape and Reel
SLP1006P3 (Bottom View)
Nominal Dimensions (mm)
12
3
0.65
0.50
0.60
1.0


Similar Part No. - UCLAMP0502P

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
UCLAMP0502P TECHPUBLIC-UCLAMP0502P Datasheet
1Mb / 4P
2-Line Ultra Low Capacitance TVS Diode
More results

Similar Description - UCLAMP0502P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP0501H SEMTECH-UCLAMP0501H Datasheet
91Kb / 6P
關ClampTM 1-Line ESD protection
UCLAMP0501P SEMTECH-UCLAMP0501P Datasheet
168Kb / 7P
關ClampTM 1-Line ESD protection
UCLAMP0502T SEMTECH-UCLAMP0502T Datasheet
181Kb / 8P
Low Profile 關ClampTM 2-Line ESD protection
UCLAMP0504A SEMTECH-UCLAMP0504A Datasheet
202Kb / 8P
關ClampTM 4-Line ESD protection Array
UCLAMP0505A SEMTECH-UCLAMP0505A Datasheet
198Kb / 8P
關ClampTM 5-Line ESD protection Array
UCLAMP0511P SEMTECH-UCLAMP0511P Datasheet
173Kb / 7P
關ClampTM 1-Line ESD protection
UCLAMP1201H SEMTECH-UCLAMP1201H Datasheet
163Kb / 7P
關ClampTM 1-Line ESD Protection
UCLAMP1201P SEMTECH-UCLAMP1201P Datasheet
164Kb / 7P
關ClampTM 1-Line ESD protection
UCLAMP1211P SEMTECH-UCLAMP1211P Datasheet
173Kb / 7P
關ClampTM 1-Line ESD protection
UCLAMP0544P SEMTECH-UCLAMP0544P Datasheet
162Kb / 7P
關ClampTM 4-Line ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com