Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND810MSP Datasheet(PDF) 13 Page - STMicroelectronics

Part # VND810MSP
Description  DOUBLE CHANNEL HIGH SIDE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND810MSP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VND810MSP Datasheet HTML 9Page - STMicroelectronics VND810MSP Datasheet HTML 10Page - STMicroelectronics VND810MSP Datasheet HTML 11Page - STMicroelectronics VND810MSP Datasheet HTML 12Page - STMicroelectronics VND810MSP Datasheet HTML 13Page - STMicroelectronics VND810MSP Datasheet HTML 14Page - STMicroelectronics VND810MSP Datasheet HTML 15Page - STMicroelectronics VND810MSP Datasheet HTML 16Page - STMicroelectronics VND810MSP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13/19
VND810MSP
Maximum turn off current versus load inductance
A = Single Pulse at TJstart=150ºC
B= Repetitive pulse at TJstart=100ºC
C= Repetitive Pulse at TJstart=125ºC
Conditions:
VCC=13.5V
Values are generated with RL=0Ω
In case of repetitive pulses, Tjstart (at beginning of each demagnetization) of every pulse must not exceed
the temperature specified above for curves B and C.
VIN, IL
t
Demagnetization
Demagnetization
Demagnetization
0.1
1
10
1
10
100
1000
10000
L(mH)
ILMAX (A)
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com