Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B033 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # B033
Description  1.0Amp Low Dropout Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B033 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  B033 Datasheet HTML 1Page - List of Unclassifed Manufacturers B033 Datasheet HTML 2Page - List of Unclassifed Manufacturers B033 Datasheet HTML 3Page - List of Unclassifed Manufacturers B033 Datasheet HTML 4Page - List of Unclassifed Manufacturers B033 Datasheet HTML 5Page - List of Unclassifed Manufacturers B033 Datasheet HTML 6Page - List of Unclassifed Manufacturers B033 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Bay Linear, Inc 2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B033
TOTAL PC BOARD AREA
TOPDIDE COPPER AREA
BACKSIDE COPPER AREA
THERMAL RESISTANCE
JUNCTION TO AMBIENT
2500mm
2500mm
2500mm
2500mm
2500mm
1600mm
2500mm
2500mm
1600mm
900mm
900mm
2500mm
1250mm
950mm
2500mm
1800mm
600mm
1250mm
915mm
600mm
240mm
240mm
2500mm
2500mm
2500mm
0
0
1600mm
0
0
0
900mm
0
46°C/W
°
47°C/W
°
49°C/W
°
51°C/W
°
53°C/W
°
55°C/W
°
58°C/W
°
59°C/W
°
67°C/W
°
72°C/W
°
85°C/W
°
IN
OUT
ADJ
BAY
B033
C1
R1
R2
VOUT
Typical Adjustable Regulator
VIN
C2
VOUT= VREF(1+R2/R1) +ADJ
R2
IN
OUT
ADJ
BAY
B033
C1
R1
R2
VOUT
Typical Adjustable Regulator
VIN
C2
VOUT= VREF(1+R2/R1) +ADJ
R2
LOAD
ADJ
BAY
B033
10A
C
t
t t
VIN
C1
R1
OUT
IN
LOAD
ADJ
BAY
B033
10A
C
t
t t
VIN
C1
R1
OUT
IN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com