Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND830 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VND830
Description  DOUBLE CHANNEL HIGH SIDE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND830 Datasheet(HTML) 1 Page - STMicroelectronics

  VND830 Datasheet HTML 1Page - STMicroelectronics VND830 Datasheet HTML 2Page - STMicroelectronics VND830 Datasheet HTML 3Page - STMicroelectronics VND830 Datasheet HTML 4Page - STMicroelectronics VND830 Datasheet HTML 5Page - STMicroelectronics VND830 Datasheet HTML 6Page - STMicroelectronics VND830 Datasheet HTML 7Page - STMicroelectronics VND830 Datasheet HTML 8Page - STMicroelectronics VND830 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
®
July 2002
1/19
VND830
DOUBLE CHANNEL HIGH SIDE DRIVER
(*) Per each channel
s
CMOS COMPATIBLE INPUTS
s
OPEN DRAIN STATUS OUTPUTS
s
ON STATE OPEN LOAD DETECTION
s
OFF STATE OPEN LOAD DETECTION
s
SHORTED LOAD PROTECTION
s
UNDERVOLTAGE AND OVERVOLTAGE
SHUTDOWN
s
LOSS OF GROUND PROTECTION
s
VERY LOW STAND-BY CURRENT
s
REVERSE BATTERY PROTECTION (**)
DESCRIPTION
The VND830 is a monolithic device made by
using
STMicroelectronics
VIPower
M0-3
Technology, intended for driving any kind of load
with one side connected to ground.
Active VCC pin voltage clamp protects the devices
against low energy spikes (see ISO7637 transient
compatibility
table). Active current limitation
combined with thermal shutdown and automatic
restart protects the device against overload. The
device detects open load condition both is on and
off state. Output shorted to VCC is detected in the
off state. Device automatically turns off in case of
ground pin disconnection.
TYPE
RDS(on)
IOUT
VCC
VND830
60 m
Ω (*)
6 A (*)
36 V
SO-16L
ORDER CODES
PACKAGE
TUBE
T&R
SO-16L
VND830
VND83013TR
OVERTEMP. 1
VCC
GND
INPUT1
OUTPUT1
OVERVOLTAGE
LOGIC
DRIVER 1
STATUS1
VCC
CLAMP
UNDERVOLTAGE
CLAMP 1
OPENLOAD ON 1
CURRENT LIMITER 1
OPENLOAD OFF 1
OUTPUT2
DRIVER 2
CLAMP 2
OPENLOAD ON 2
OPENLOAD OFF 2
OVERTEMP. 2
INPUT2
STATUS2
CURRENT LIMITER 2
BLOCK DIAGRAM
(**) See application schematic at page 8


Similar Part No. - VND830

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND830-E STMICROELECTRONICS-VND830-E Datasheet
273Kb / 20P
DOUBLE CHANNEL HIGH SIDE DRIVER
Feb-2005
VND830-E STMICROELECTRONICS-VND830-E Datasheet
283Kb / 20P
DOUBLE CHANNEL HIGH SIDE DRIVER
Feb-2005
VND830AEP-E STMICROELECTRONICS-VND830AEP-E Datasheet
303Kb / 26P
Double channel high side driver
September 2013 Rev 4
VND830AEPTR-E STMICROELECTRONICS-VND830AEPTR-E Datasheet
303Kb / 26P
Double channel high side driver
September 2013 Rev 4
VND830ASP STMICROELECTRONICS-VND830ASP Datasheet
303Kb / 17P
DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
Nov-2003
More results

Similar Description - VND830

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND810 STMICROELECTRONICS-VND810 Datasheet
254Kb / 19P
DOUBLE CHANNEL HIGH SIDE DRIVER
Jul-2002
VND810SP STMICROELECTRONICS-VND810SP Datasheet
263Kb / 18P
DOUBLE CHANNEL HIGH SIDE DRIVER
Jul-2002
VND830MSP STMICROELECTRONICS-VND830MSP Datasheet
265Kb / 18P
DOUBLE CHANNEL HIGH SIDE DRIVER
rev. A
VND830SP STMICROELECTRONICS-VND830SP Datasheet
266Kb / 18P
DOUBLE CHANNEL HIGH SIDE DRIVER
rev. A
VND810MSP STMICROELECTRONICS-VND810MSP Datasheet
197Kb / 19P
DOUBLE CHANNEL HIGH SIDE DRIVER
Jul-2004
VND600PEP-E STMICROELECTRONICS-VND600PEP-E Datasheet
232Kb / 19P
DOUBLE CHANNEL HIGH SIDE DRIVER
May-2005
VND600SPTR-E STMICROELECTRONICS-VND600SPTR-E Datasheet
412Kb / 27P
Double channel high-side driver
11-Feb-2011
VND810-E STMICROELECTRONICS-VND810-E Datasheet
202Kb / 20P
DOUBLE CHANNEL HIGH SIDE DRIVER
Oct-2004
VND830P-E STMICROELECTRONICS-VND830P-E Datasheet
427Kb / 27P
Double channel high-side driver
22-Sep-2010
VND830E-E STMICROELECTRONICS-VND830E-E Datasheet
352Kb / 26P
Double channel high-side driver
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com