Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U2008B Datasheet(PDF) 2 Page - ATMEL Corporation

Part # U2008B
Description  Low-cost Phase-control IC with Soft Start
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U2008B Datasheet(HTML) 2 Page - ATMEL Corporation

  U2008B_07 Datasheet HTML 1Page - ATMEL Corporation U2008B_07 Datasheet HTML 2Page - ATMEL Corporation U2008B_07 Datasheet HTML 3Page - ATMEL Corporation U2008B_07 Datasheet HTML 4Page - ATMEL Corporation U2008B_07 Datasheet HTML 5Page - ATMEL Corporation U2008B_07 Datasheet HTML 6Page - ATMEL Corporation U2008B_07 Datasheet HTML 7Page - ATMEL Corporation U2008B_07 Datasheet HTML 8Page - ATMEL Corporation U2008B_07 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
4712C–AUTO–07/07
U2008B
Figure 1-2.
Block Diagram with Typical Circuit: Soft Start
Automatic
retriggering
Limiting
detector
Current
detector
Full wave load
current detector
Soft start
Voltage
detector
7
Phase
control unit
ϕ = f(V
3)
6
Mains voltage
compensation
Supply
voltage
limiting
Reference
voltage
Voltage
monitoring
23
5
4
1
8
R
2
680 k
Ω
22 k
Ω/2W
BYT51K
470 k
Ω
180
Ω
TIC
226
Load
68 k
Ω
Set point
100 nF
10 nF
230 V ~
50 k
Ω
220 k
Ω
GND
100 µF
25V
+
-
L
Soft start
4.7 µF/25V
N
U2008B
R
1
D
1
R
8
-V
S
C
1
P
1
R
7
R
10
C
4
C
3
C
5
R
3
α
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com