Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U2044B Datasheet(PDF) 2 Page - ATMEL Corporation

Part # U2044B
Description  Dual Output Flasher
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U2044B Datasheet(HTML) 2 Page - ATMEL Corporation

  U2044B_08 Datasheet HTML 1Page - ATMEL Corporation U2044B_08 Datasheet HTML 2Page - ATMEL Corporation U2044B_08 Datasheet HTML 3Page - ATMEL Corporation U2044B_08 Datasheet HTML 4Page - ATMEL Corporation U2044B_08 Datasheet HTML 5Page - ATMEL Corporation U2044B_08 Datasheet HTML 6Page - ATMEL Corporation U2044B_08 Datasheet HTML 7Page - ATMEL Corporation U2044B_08 Datasheet HTML 8Page - ATMEL Corporation U2044B_08 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
4721C–AUTO–02/08
U2044B
Figure 1-1.
Block Diagram
+
-
+
-
+
-
-
+
-
+
27.5V
+
-
V
Ref2
V
Ref1
V
S-81 mV
6
7
8
5
9
GND
10
13
11
3
2
4
47 k
Ω
12
V
S /2
R
9
47 k
Ω
R
8
R
Shunt
Contact
12
14
1
V
S-6V
4.7 µF
82 k
Ω
R
1
C
1
220
Ω
R
2
Hazard warning
R
3
4.7 k
Ω
R
6
R
4
1.2 k
Ω
R
10
right
left
1.2 k
Ω
R
7
1.2 k
Ω
R
5
12
Relay
30
30
30
15
31
12700
30 m
Ω
4.7 k
Ω
K1
4.7 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com