Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C320-ECG+ Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS80C320-ECG+
Description  High-Speed/Low-Power Microcontrollers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS80C320-ECG+ Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS80C320-ECG+ Datasheet HTML 9Page - Maxim Integrated Products DS80C320-ECG+ Datasheet HTML 10Page - Maxim Integrated Products DS80C320-ECG+ Datasheet HTML 11Page - Maxim Integrated Products DS80C320-ECG+ Datasheet HTML 12Page - Maxim Integrated Products DS80C320-ECG+ Datasheet HTML 13Page - Maxim Integrated Products DS80C320-ECG+ Datasheet HTML 14Page - Maxim Integrated Products DS80C320-ECG+ Datasheet HTML 15Page - Maxim Integrated Products DS80C320-ECG+ Datasheet HTML 16Page - Maxim Integrated Products DS80C320-ECG+ Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
DS80C320/DS80C323 High-Speed/Low-Power Microcontrollers
13 of 40
DUAL DATA POINTER
Data memory block moves can be accelerated using the Dual Data Pointer (DPTR). The standard 8032
DPTR is a 16-bit value that is used to address off-chip data RAM or peripherals. In the
DS80C320/DS80C323, the standard 16-bit data pointer is called DPTR0 and is located at SFR addresses
82h and 83h. These are the standard locations. The new DPTR is located at SFR 84h and 85h and is
called DPTR1. The DPTR Select bit (DPS) chooses the active pointer and is located at the LSB of the
SFR location 86h. No other bits in register 86h have any effect and are set to 0. The user switches
between data pointers by toggling the LSB of register 86h. The increment (INC) instruction is the fastest
way to accomplish this. All DPTR-related instructions use the currently selected DPTR for any activity.
Therefore only one instruction is required to switch from a source to a destination address. Using the
Dual-Data Pointer saves code from needing to save source and destination addresses when doing a block
move. Once loaded, the software simply switches between DPTR and 1. The relevant register locations
are as follows.
DPL
82h
Low byte original DPTR
DPH
83h
High byte original DPTR
DPL1 84h
Low byte new DPTR
DPH1 85h
High byte new DPTR
DPS
86h
DPTR Select (LSB)
Sample code listed below illustrates the saving from using the dual DPTR. The example program was
original code written for an 8051 and requires a total of 1869 DS80C320/DS80C323 machine cycles. This
takes 299
ms to execute at 25MHz. The new code using the Dual DPTR requires only 1097 machine
cycles taking 175.5
ms. The Dual DPTR saves 772 machine cycles or 123.5ms for a 64-byte block move.
Since each pass through the loop saves 12 machine cycles when compared to the single DPTR approach,
larger blocks gain more efficiency using this feature.
64-Byte Block Move without Dual Data Pointer
; SH and SL are high and low byte source address.
; DH and DL are high and low byte of destination address.
# CYCLES
MOV
R5, #64d
; NUMBER OF BYTES TO MOVE
2
MOV
DPTR, #SHSL
; LOAD SOURCE ADDRESS
3
MOV
R1, #SL
; SAVE LOW BYTE OF SOURCE
2
MOV
R2, #SH
; SAVE HIGH BYTE OF SOURCE
2
MOV
R3, #DL
; SAVE LOW BYTE OF DESTINATION
2
MOV
R4, #DH
; SAVE HIGH BYTE OF DESTINATION
2
MOVE:
; THIS LOOP IS PERFORMED THE NUMBER OF TIMES LOADED INTO R5, IN THIS EXAMPLE 64
MOVX
A, @DPTR
; READ SOURCE DATA BYTE
2
MOV
R1, DPL
; SAVE NEW SOURCE POINTER
2
MOV
R2, DPH
;
2
MOV
DPL, R3
; LOAD NEW DESTINATION
2
MOV
DPH, R4
;
2
MOVX
@DPTR, A
; WRITE DATA TO DESTINATION
2
INC
DPTR
; NEXT DESTINATION ADDRESS
3
MOV
R3, DPL
; SAVE NEW DESTINATION POINTER
2
MOV
R4, DPH
;
2
MOV
DPL, R1
; GET NEW SOURCE POINTER
2
MOV
DPH, R2
;
2
INC
DPTR
; NEXT SOURCE ADDRESS
3
DJNZ
R5, MOVE
; FINISHED WITH TABLE?
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com