Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC620EVB Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC620EVB
Description  Octal LED Driver, General Purpose Current Sink with Serial Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC620EVB Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC620EVB Datasheet HTML 3Page - Semtech Corporation SC620EVB Datasheet HTML 4Page - Semtech Corporation SC620EVB Datasheet HTML 5Page - Semtech Corporation SC620EVB Datasheet HTML 6Page - Semtech Corporation SC620EVB Datasheet HTML 7Page - Semtech Corporation SC620EVB Datasheet HTML 8Page - Semtech Corporation SC620EVB Datasheet HTML 9Page - Semtech Corporation SC620EVB Datasheet HTML 10Page - Semtech Corporation SC620EVB Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SC620
7
Typical LED Current Matching
-3.5
-2.5
-1.5
-0.5
0.5
1.5
2.5
3.5
0.5
5.5
10.5
15.5
20.5
25.5
LED Current (mA)
Gain Register Value = 0Ch
-40°C
25°C
85°C
Typical LED Current Accuracy (25°C)
-8
-6
-4
-2
0
2
4
6
8
0.5
5.5
10.5
15.5
20.5
25.5
LED Current (mA)
All 8 LEDs fall between Max and Min, Gain Register Value = 0Ch
Max
Min
Typical LED Current Accuracy (85°C)
-8
-6
-4
-2
0
2
4
6
8
0.5
5.5
10.5
15.5
20.5
25.5
LED Current (mA)
All 8 LEDs fall between Max and Min, Gain Register Value = 0Ch
Max
Min
Typical LED Current Accuracy (-40°C)
-8
-6
-4
-2
0
2
4
6
8
0.5
5.5
10.5
15.5
20.5
25.5
LED Current (mA)
All 8 LEDs fall between Max and Min, Gain Register Value = 0Ch
Max
Min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com