Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC630 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC630
Description  Fixed 3.3V High Output Charge Pump Buck/Boost Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC630 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC630 Datasheet HTML 6Page - Semtech Corporation SC630 Datasheet HTML 7Page - Semtech Corporation SC630 Datasheet HTML 8Page - Semtech Corporation SC630 Datasheet HTML 9Page - Semtech Corporation SC630 Datasheet HTML 10Page - Semtech Corporation SC630 Datasheet HTML 11Page - Semtech Corporation SC630 Datasheet HTML 12Page - Semtech Corporation SC630 Datasheet HTML 13Page - Semtech Corporation SC630 Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SC630
13
2.00
.079
PIN 1
INDICATOR
(LASER MARK)
A1
SEATING
PLANE
C
B
A
aaa C
1
N
E
2.10
2.10
1.90
1.90
.083
.083
.075
.075
2
A2
D
e/2
e
bxN
bbb
C A B
COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS.
2.
D1
.061
.067
.071
1.55
1.70
1.80
E1
.026
.031
.035
0.65
0.80
0.90
D/2
E/2
E
LxN
D1
E1
INCHES
.020 BSC
b
.007
bbb
aaa
N
L
e
D
.012
DIM
A1
A2
A
MIN
.000
.020
0.30
0.18
.012
0.25
.010
0.40
0.30
.004
.003
8
.014
.079
.016
0.08
0.10
8
0.35
2.00
0.50 BSC
MILLIMETERS
MAX
0.05
0.60
DIMENSIONS
MIN
0.00
NOM
(.006)
-
-
MAX
.002
.024
NOM
0.50
-
(0.1524)
-
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
NOTES:
1.
A
Outline Drawing — MLPD-UT-8 2x2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com