Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNP10N06 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VNP10N06
Description  O"MNIFET”: FULLY AUTOPROTECTED POWER MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNP10N06 Datasheet(HTML) 4 Page - STMicroelectronics

  VNP10N06 Datasheet HTML 1Page - STMicroelectronics VNP10N06 Datasheet HTML 2Page - STMicroelectronics VNP10N06 Datasheet HTML 3Page - STMicroelectronics VNP10N06 Datasheet HTML 4Page - STMicroelectronics VNP10N06 Datasheet HTML 5Page - STMicroelectronics VNP10N06 Datasheet HTML 6Page - STMicroelectronics VNP10N06 Datasheet HTML 7Page - STMicroelectronics VNP10N06 Datasheet HTML 8Page - STMicroelectronics VNP10N06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PROTECTION FEATURES
During Normal Operation, the INPUT pin is
electrically connected to the gate of the internal
power MOSFET through a low impedance path
as soon as VIN >VIH.
The device then behaves like a standard power
MOSFET and can be used as a switch from DC
to 50KHz. The only difference from the user’s
standpoint is that a small DC current (typically
150
µA) flows into the INPUT pin in order to
supply the internal circuitry.
During turn-off of an unclamped inductive load
the output voltage is clamped to a safe level by
an integrated Zener clamp between DRAIN pin
and the gate of the internal Power MOSFET.
In this condition, the Power MOSFET gate is set
to a voltage high enough to sustain the inductive
load current even if the INPUT pin is driven to 0V.
The device integrates an active current limiter
circuit which limits the drain current ID to Ilim
whatever the INPUT pin Voltage.
When the current limiter is active, the device
operates in the linear region, so power dissipation
may exceed the heatsinking capability. Both case
and junction temperatures increase, and if this
phase lasts long enough, junction temperature
may reach the overtemperature threshold Tjsh.
If Tj reaches Tjsh, the device shuts down
whatever the INPUT pin voltage. The device will
restart automatically when Tj has cooled down to
Tjrs
VNP10N06
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com