Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1211 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1211
Description  High Speed, Combi-SenseTM Synchronous MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1211 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1211 Datasheet HTML 1Page - Semtech Corporation SC1211 Datasheet HTML 2Page - Semtech Corporation SC1211 Datasheet HTML 3Page - Semtech Corporation SC1211 Datasheet HTML 4Page - Semtech Corporation SC1211 Datasheet HTML 5Page - Semtech Corporation SC1211 Datasheet HTML 6Page - Semtech Corporation SC1211 Datasheet HTML 7Page - Semtech Corporation SC1211 Datasheet HTML 8Page - Semtech Corporation SC1211 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1211
Electrical Characteristics
Absolute Maximum Ratings
Unless specified: T
A = 25°C; VIN = 12V; VREG = 8.5V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
y
l
p
p
u
S
r
e
w
o
P
e
g
a
tl
o
V
y
l
p
p
u
SV
N
I
92
15
1V
g
n
it
a
r
e
p
O
,
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Qp
o
_
q
I0
.
3A
m
t
u
o
k
c
o
L
e
g
a
t
l
o
V
r
e
d
n
U
f
o
d
l
o
h
s
e
r
h
T
t
r
a
t
SV
G
E
R
e
g
a
tl
o
VV
T
R
A
T
S
_
G
E
R
43
.
4V
s
i
s
e
r
e
t
s
y
Hs
y
h
V
O
L
V
U
0
6
1V
m
O
D
L
l
a
n
r
e
t
n
I
t
u
p
t
u
O
O
D
LV
G
E
R
V
N
I
V
5
1
o
t
V
9
=5
.
8V
e
g
a
tl
o
V
t
u
O
p
o
r
DV
P
O
R
D
V
N
I
V
8
.
8
o
t
V
5
=3
.
0V
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cm
u
m
i
x
a
Ms
t
i
n
U
V
N
I
e
g
a
tl
o
V
y
l
p
p
u
SV
N
I
6
1V
N
R
D
o
t
T
S
BV
N
R
D
-
T
S
B
1
1V
N
R
D
o
t
G
TV
N
R
D
-
G
T
1
1
o
t
3
.
0
-V
e
s
l
u
P
N
R
D
o
t
G
TV
E
S
L
U
P
-
N
R
D
-
G
T
V
K
A
E
P
t
,
E
S
L
U
P
s
n
0
2
<
)
2
(
2
-V
D
N
G
P
o
t
T
S
BV
D
N
G
P
-
T
S
B
0
4V
e
s
l
u
P
D
N
G
P
o
t
T
S
BV
E
S
L
U
P
-
D
N
G
-
T
S
B
t
E
S
L
U
P
s
n
0
0
1
<5
4V
D
N
G
P
o
t
N
R
DV
D
N
G
P
-
N
R
D
0
3
o
t
2
-V
e
s
l
u
P
D
N
G
P
o
t
N
R
DV
E
S
L
U
P
-
D
N
G
P
-
N
R
D
V
K
A
E
P
t
,
E
S
L
U
P
s
n
0
0
2
<
)
2
(
5
3
o
t
5
-V
V
K
A
E
P
t
,
E
S
L
U
P
s
n
0
2
<
)
2
(
V
-
G
E
R
5
3
o
tV
D
N
G
P
o
t
G
BV
D
N
G
P
-
G
B
1
1
o
t
3
.
0
-V
e
s
l
u
P
D
N
G
P
o
t
G
BV
E
S
L
U
P
-
D
N
G
P
-
G
B
V
K
A
E
P
t
,
E
S
L
U
P
s
n
0
2
<
)
2
(
5
.
3
-V
D
N
G
P
o
t
G
E
R
VV
D
N
G
P
-
G
E
R
1
1V
D
N
G
P
o
t
N
P
VV
N
P
6
1V
e
s
l
u
P
D
N
G
P
o
t
N
P
VV
E
S
L
U
P
-
N
P
t
E
S
L
U
P
s
n
0
0
1
<0
2V
t
u
p
n
I
M
W
PO
C5
.
8
o
t
3
.
0
-V
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
s
u
o
u
n
i
t
n
o
CP
D
T
A
T
,
C
°
5
2
=
J
C
°
5
2
1
=6
5
.
2W
e
s
a
C
o
t
n
o
i
t
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
C
J
8W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
JT
J
0
5
1
+
o
t
0C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
.
c
e
S
0
1
)
g
n
i
r
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
NOTE: (1). This device is ESD sensitive. Use of standard ESD handling precautions is required.
(2). Pulse width measured from 50% to 50% of peak voltage VPEAK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com