Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1302FSTRT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1302FSTRT
Description  Dual High Speed Low-Side MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1302FSTRT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC1302FSTRT Datasheet HTML 2Page - Semtech Corporation SC1302FSTRT Datasheet HTML 3Page - Semtech Corporation SC1302FSTRT Datasheet HTML 4Page - Semtech Corporation SC1302FSTRT Datasheet HTML 5Page - Semtech Corporation SC1302FSTRT Datasheet HTML 6Page - Semtech Corporation SC1302FSTRT Datasheet HTML 7Page - Semtech Corporation SC1302FSTRT Datasheet HTML 8Page - Semtech Corporation SC1302FSTRT Datasheet HTML 9Page - Semtech Corporation SC1302FSTRT Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1302A/B/C/D/E/F
Supply Current vs. Capacitive Load
0
10
20
30
40
100
1000
10000
Capacitive Load (pF)
200K H z
100K H z
V
CC = 1
2V
One DriverR unning
T
A = 25°
C
Rise and Fall Time vs. Supply Voltage
10
15
20
25
4
8
12
16
Supply Voltage (V)
C
L = 1
000pF
T
A = 25°
C
tf
tr
Rise and Fall Time vs. Capacitive Load
0
20
40
60
80
100
1000
10000
Capacitive Load (pF)
tf
tr
V
CC = 1
2V
f= 200K H z
T
A = 25°
C
Input Pin Current
-10
-5
0
5
10
15
04
8
12
Vin (V)
Inverting
Non-inverting
Typical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com