Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1302AIMSTRT Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1302AIMSTRT
Description  Dual High Speed Low-Side MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1302AIMSTRT Datasheet(HTML) 3 Page - Semtech Corporation

  SC1302AIMSTRT Datasheet HTML 1Page - Semtech Corporation SC1302AIMSTRT Datasheet HTML 2Page - Semtech Corporation SC1302AIMSTRT Datasheet HTML 3Page - Semtech Corporation SC1302AIMSTRT Datasheet HTML 4Page - Semtech Corporation SC1302AIMSTRT Datasheet HTML 5Page - Semtech Corporation SC1302AIMSTRT Datasheet HTML 6Page - Semtech Corporation SC1302AIMSTRT Datasheet HTML 7Page - Semtech Corporation SC1302AIMSTRT Datasheet HTML 8Page - Semtech Corporation SC1302AIMSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1302A/B/C/D/E/F
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
m
it
e
s
i
R
)
1
(
t
R
m
a
r
g
a
i
D
g
n
i
m
i
T
e
e
S0
2s
n
e
m
it
ll
a
F
)
1
(
t
F
m
a
r
g
a
i
D
g
n
i
m
i
T
e
e
S0
2s
n
e
m
it
y
a
l
e
d
n
o
it
a
g
a
p
o
r
P
)
1
(
t
1
D
T
A
C
°
5
2
1
~
C
°
0
4
-
=3
50
7s
n
e
m
it
y
a
l
e
d
n
o
it
a
g
a
p
o
r
P
)
1
(
t
2
D
T
A
C
°
5
2
1
~
C
°
0
4
-
=1
40
6s
n
AC Electrical Characteristics
Unless otherwise specified: T
A = T
J
= 25°C, V
CC = 12V, VEN = 5V, CL = 1000pF
DC Electrical Characteristics (Cont.)
Notes:
(1) Guaranteed by design. Not 100% tested in production.
(2) Negative sign indicates that the input current flows out of the device.
Unless otherwise specified: -40°C < T
A = T
J
< 125°C, V
CC = 12V, VIN = 5V, VEN = 5V (SC1302A/B/C),
V
SHDN = 5V (SC1302A/B/C).
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
)
.
t
n
o
C
(
C
/
B
/
A
2
0
3
1
C
S
r
o
f
e
l
b
a
n
E
t
u
p
t
u
O
o
t
y
a
l
e
D
)
1
(
t
N
E
_
D
h
g
i
h
o
t
w
o
l
r
o
f
N
E0
7s
n
t
u
p
t
u
O
o
t
y
a
l
e
D
)
1
(
t
S
I
D
_
D
w
o
l
o
t
h
g
i
h
m
o
r
f
N
E5
5s
n
t
n
e
r
r
u
C
t
u
p
n
I
e
l
b
a
n
E
N
E
I
V
<
0
N
I
V
<
C
C
0
14
19
1A
µ
t
u
p
n
I
e
g
a
tl
o
V
t
u
p
n
I
l
e
v
e
L
h
g
i
HV
H
I
V
<
0
N
I
V
<
C
C
0
.
2V
e
g
a
tl
o
V
t
u
p
n
I
l
e
v
e
L
w
o
LV
L
I
V
<
0
N
I
V
<
C
C
8
.
0V
t
n
e
r
r
u
C
t
u
p
n
II
N
I
V
<
0
N
I
V
<
C
C
f
o
)
s
(
t
u
p
n
I
g
n
it
r
e
v
n
I
-
n
o
N
F
/
D
/
C
/
A
2
0
3
1
C
S
3
15
.
8
1A
µ
V
<
0
N
I
V
<
C
C
F
/
E
/
C
/
B
2
0
3
1
C
S
f
o
)
s
(
t
u
p
n
I
g
n
it
r
e
v
n
I
)
2
(
8
-A
µ
t
u
p
t
u
O
t
n
e
r
r
u
C
k
a
e
P
t
u
p
t
u
OI
E
C
R
U
O
S
_
K
P
V
T
U
O
t
,
V
5
.
0
=
W
P
S
u
0
1
<0
0
6
1A
m
I
K
N
I
S
_
K
P
V
T
U
O
V
=
C
C
t
,
V
5
.
0
-
W
P
S
u
0
1
<0
0
6
1A
m
)
.
t
n
o
C
(
C
/
B
/
A
2
0
3
1
C
S
n
w
o
d
t
u
h
S
h
g
i
H
e
g
a
tl
o
V
t
u
p
n
I
N
D
H
SV
N
D
H
S
2V
w
o
L
e
g
a
tl
o
V
t
u
p
n
I
N
D
H
SV
N
D
H
S
3
.
0V
t
n
e
r
r
u
C
n
i
P
N
D
H
SI
N
D
H
S
V
N
D
H
S
V
5
=2
30
4A
µ
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
t
n
i
o
P
p
ir
T
e
r
u
t
a
r
e
p
m
e
T
r
e
v
O
)
1
(
T
T
O
_
J
0
5
1C
°
s
i
s
e
r
e
t
s
y
H
)
1
(
0
1C
°



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com