Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNP20N07 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VNP20N07
Description  O"MNIFET”: FULLY AUTOPROTECTED POWER MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNP20N07 Datasheet(HTML) 1 Page - STMicroelectronics

  VNP20N07 Datasheet HTML 1Page - STMicroelectronics VNP20N07 Datasheet HTML 2Page - STMicroelectronics VNP20N07 Datasheet HTML 3Page - STMicroelectronics VNP20N07 Datasheet HTML 4Page - STMicroelectronics VNP20N07 Datasheet HTML 5Page - STMicroelectronics VNP20N07 Datasheet HTML 6Page - STMicroelectronics VNP20N07 Datasheet HTML 7Page - STMicroelectronics VNP20N07 Datasheet HTML 8Page - STMicroelectronics VNP20N07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
VNP20N07
”OMNIFET”:
FULLY AUTOPROTECTED POWER MOSFET
April 1996
1
2
3
TO-220
BLOCK DIAGRAM
TYPE
Vclamp
RDS(on)
Ilim
VNP20N07
70 V
0.05
Ω
20 A
s
LINEAR CURRENT LIMITATION
s
THERMAL SHUT DOWN
s
SHORT CIRCUIT PROTECTION
s
INTEGRATED CLAMP
s
LOW CURRENT DRAWN FROM INPUT PIN
s
DIAGNOSTIC FEEDBACK THROUGH INPUT
PIN
s
ESD PROTECTION
s
DIRECT ACCESS TO THE GATE OF THE
POWER MOSFET (ANALOG DRIVING)
s
COMPATIBLE WITH STANDARD POWER
MOSFET
s
STANDARD TO-220 PACKAGE
DESCRIPTION
The VNP20N07 is a monolithic device made
using SGS-THOMSON Vertical Intelligent Power
M0 Technology, intended for replacement of
standard power MOSFETS in DC to 50 KHz
applications. Built-in thermal shut-down, linear
current limitation and overvoltage clamp protect
the chip in harsh enviroments.
Fault feedback can be detected by monitoring the
voltage at the input pin.
1/11


Similar Part No. - VNP20N07

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
VNP20N07 ISC-VNP20N07 Datasheet
332Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
VNP20N07 STMICROELECTRONICS-VNP20N07 Datasheet
374Kb / 11P
"OMNIFET": FULLY AUTOPROTECTED POWER MOSFET
Rev 3
VNP20N07FI STMICROELECTRONICS-VNP20N07FI Datasheet
153Kb / 13P
O"MNIFET”: FULLY AUTOPROTECTED POWER MOSFET
Jun-1998
VNP20N07FI STMICROELECTRONICS-VNP20N07FI Datasheet
491Kb / 13P
"OMNIFET": FULLY AUTOPROTECTED POWER MOSFET
Jun-1998
VNP20N07FI STMICROELECTRONICS-VNP20N07FI Datasheet
422Kb / 13P
FULLY AUTOPROTECTED POWER MOSFET
Sep-2013
More results

Similar Description - VNP20N07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNH50N04 STMICROELECTRONICS-VNH50N04 Datasheet
94Kb / 7P
FULLY AUTOPROTECTED POWER MOSFET
Sep-1994
VND10N06 STMICROELECTRONICS-VND10N06 Datasheet
510Kb / 25P
fully autoprotected Power MOSFET
12-Dec-2008
VNN3NV04TR-E STMICROELECTRONICS-VNN3NV04TR-E Datasheet
469Kb / 26P
fully autoprotected Power MOSFET
05-Apr-2011
VNP10N07-E STMICROELECTRONICS-VNP10N07-E Datasheet
376Kb / 11P
FULLY AUTOPROTECTED POWER MOSFET
Sep-2013
VND7N04-E STMICROELECTRONICS-VND7N04-E Datasheet
602Kb / 18P
Fully autoprotected power MOSFET
25-Sep-2013
VNP28N04-E STMICROELECTRONICS-VNP28N04-E Datasheet
374Kb / 11P
FULLY AUTOPROTECTED POWER MOSFET
Sep-2013
VNS3NV04P-E STMICROELECTRONICS-VNS3NV04P-E Datasheet
287Kb / 22P
fully autoprotected Power MOSFET
18-Sep-2013
VND5N07-E STMICROELECTRONICS-VND5N07-E Datasheet
618Kb / 24P
fully autoprotected Power MOSFET
25-Sep-2013
VNB10N07-E STMICROELECTRONICS-VNB10N07-E Datasheet
399Kb / 14P
FULLY AUTOPROTECTED POWER MOSFET
Jun-1998
VNP35NV04-E STMICROELECTRONICS-VNP35NV04-E Datasheet
310Kb / 19P
FULLY AUTOPROTECTED POWER MOSFET
Mar-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com