Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0622P Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATR0622P
Description  GPS Baseband Processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0622P Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATR0622P Datasheet HTML 9Page - ATMEL Corporation ATR0622P Datasheet HTML 10Page - ATMEL Corporation ATR0622P Datasheet HTML 11Page - ATMEL Corporation ATR0622P Datasheet HTML 12Page - ATMEL Corporation ATR0622P Datasheet HTML 13Page - ATMEL Corporation ATR0622P Datasheet HTML 14Page - ATMEL Corporation ATR0622P Datasheet HTML 15Page - ATMEL Corporation ATR0622P Datasheet HTML 16Page - ATMEL Corporation ATR0622P Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13
4891G–GPS–08/08
ATR0622P
The Antenna Supervisor Software will be configured as follows:
1.
Enable Control Signal
2.
Enable Short Circuit Detection (power down antenna via ANTON if short is detected via
NANTSHORT)
3.
Enable Open Circuit Detection via NAADET
The antenna supervisor function may not be disabled by GPSMODE pin selection.
If the antenna supervisor function is not used, please leave open ANTON, NANTSHORT and
NAADET.
Table 3-13.
Pin Usage of Active Antenna Supervisor
Pin
Usage
Meaning
P0/NANTSHORT
NANTSHORT
Active antenna short circuit detection
High = No antenna DC short circuit present
Low = Antenna DC short circuit present
P25/NAADET0/
MISO or
P14/NAADET1
NAADET
Active antenna detection input
High = No active antenna present
Low = Active antenna is present
P15/ANTON
ANTON
Active antenna power on output
High = Power supply to active antenna is switched on
Low = Power supply to active antenna is switched off
Table 3-14.
Antenna Detection I/O Settings
GPSMODE11
(Reset = PU)
GPSMODE10
(Reset = PU)
GPSMODE8
(Reset = PU) Location of NAADET
Comment
0
0
0
P25/NAADET0/MISO
00
1(1)
P25/NAADET0/MISO
01(1)
0
P14/NAADET1
Reserved for further use.
Do not use this setting.
01(1)
1(1)
P14/NAADET1
(Default ROM value)
1(1)
0
0
P14/NAADET1
Reserved for further use.
Do not use this setting.
1(1)
01(1)
P14/NAADET1
Reserved for further use.
Do not use this setting.
1(1)
1(1)
0
P25/NAADET0/MISO
1(1)
1(1)
1(1)
P25/NAADET0/MISO
Note:
1. Leave open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com