Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNB20N07 Datasheet(PDF) 11 Page - STMicroelectronics

Part # VNB20N07
Description  O"MNIFET”: FULLY AUTOPROTECTED POWER MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNB20N07 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VNB20N07 Datasheet HTML 5Page - STMicroelectronics VNB20N07 Datasheet HTML 6Page - STMicroelectronics VNB20N07 Datasheet HTML 7Page - STMicroelectronics VNB20N07 Datasheet HTML 8Page - STMicroelectronics VNB20N07 Datasheet HTML 9Page - STMicroelectronics VNB20N07 Datasheet HTML 10Page - STMicroelectronics VNB20N07 Datasheet HTML 11Page - STMicroelectronics VNB20N07 Datasheet HTML 12Page - STMicroelectronics VNB20N07 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.3
4.6
0.169
0.181
A1
2.49
2.69
0.098
0.106
B
0.7
0.93
0.027
0.036
B2
1.25
1.4
0.049
0.055
C
0.45
0.6
0.017
0.023
C2
1.21
1.36
0.047
0.053
D
8.95
9.35
0.352
0.368
E
10
10.28
0.393
0.404
G
4.88
5.28
0.192
0.208
L
15
15.85
0.590
0.624
L2
1.27
1.4
0.050
0.055
L3
1.4
1.75
0.055
0.068
L2
L3
L
B2
B
G
E
A
C2
D
C
A1
P011P6/C
TO-263 (D2PAK) MECHANICAL DATA
VNP20N07FI-VNB20N07-VNV20N07
11/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com