Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0635P1 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATR0635P1
Description  ANTARIS4 Single-chip GPS Receiver SuperSense
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0635P1 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATR0635P1 Datasheet HTML 1Page - ATMEL Corporation ATR0635P1 Datasheet HTML 2Page - ATMEL Corporation ATR0635P1 Datasheet HTML 3Page - ATMEL Corporation ATR0635P1 Datasheet HTML 4Page - ATMEL Corporation ATR0635P1 Datasheet HTML 5Page - ATMEL Corporation ATR0635P1 Datasheet HTML 6Page - ATMEL Corporation ATR0635P1 Datasheet HTML 7Page - ATMEL Corporation ATR0635P1 Datasheet HTML 8Page - ATMEL Corporation ATR0635P1 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
2
4979D–GPS–06/08
ATR0635P1
1.
Description
The ATR0635P1 is a low-power, single-chip GPS receiver, especially designed to meet the
requirements of mobile applications. It is based on Atmel
®’s ANTARIS®4 technology and inte-
grates an RF front-end, filtering, and a baseband processor in a single, tiny 7 mm
× 10 mm
96 pin BGA package. Providing excellent RF performance with low noise figure and low power
consumption.
Due to the fully integrated design, just an RF SAW filter, a GPS TCXO and blocking capacitors
are required to realize a stand-alone GPS functionality.
The ATR0635P1 includes a complete GPS firmware, licensed from u-blox AG, which performs
the GPS operation, including tracking, acquisition, navigation and position data output. For nor-
mal PVT (Position/Velocity/Time) applications, there is no need for external Flash- or
ROM-memory.
The firmware supports e.g. the NMEA protocol (2.1 and 2.3), a binary protocol for PVT data,
configuration and debugging, the RTCM protocol for DGPS, SBAS (WAAS, EGNOS and MSAS)
and A-GPS (aiding). It is also possible to store the configuration settings in an optional external
EEPROM.
Due to the integrated ARM7TDMI processor and an intelligent radio architecture, the
ATR0635P1 operates in a complete autonomous mode, utilizing on chip AGC in closed loop
operation.
For maximum performance, we recommend to use the ATR0635P1 together with a low noise
amplifier (e.g. ATR0610).
The ATR0635P1 supports assisted GPS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com