Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR4262M1 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATR4262M1
Description  Broadcast Radio Front-end IC for AM/FM/DRM/HD Radio
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4262M1 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATR4262M1 Datasheet HTML 1Page - ATMEL Corporation ATR4262M1 Datasheet HTML 2Page - ATMEL Corporation ATR4262M1 Datasheet HTML 3Page - ATMEL Corporation ATR4262M1 Datasheet HTML 4Page - ATMEL Corporation ATR4262M1 Datasheet HTML 5Page - ATMEL Corporation ATR4262M1 Datasheet HTML 6Page - ATMEL Corporation ATR4262M1 Datasheet HTML 7Page - ATMEL Corporation ATR4262M1 Datasheet HTML 8Page - ATMEL Corporation ATR4262M1 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
4994BS–AUDR–05/08
ATR4262M1 [Preliminary]
2.
Pin Configuration
Figure 2-1.
Pinning QFN48
AMIN1
AMIN2
AMCVC
AMPIND
SW1
FMPIND
FMIN1
FMIN12
FMIN2
DAC1
DAC2
SW2
SW3
IFOUT1
IFOUT2
VSPLL
REF1
REF2
VRPLL
AMLF
FMLF
VTUNE
GNDPLL
VCOBUF
48 47 46 45 44 43 42 41 40 39 38 37
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
ATR4262M1
Table 2-1.
Pin Description
Pin
Symbol
Function
1
AMIN1
AM mixer input
2
AMIN2
AM mixer input
3
AMCVC
AM cascode voltage output
4
AMPIND
AM pin diode output
5
SW1
SW1 switching output
6
FMPIND
FM pin diode output
7
FMIN1
FM mixer input 1
8
FMIN12
FM mixer input 12
9
FMIN2
FM mixer input 2
10
DAC1
DAC tuning voltage output 1
11
DAC2
DAC tuning voltage output 2
12
SW2
SW2 switching output/external tuning voltage input
13
FMAGCTC
RF AGC FM time constant
14
KAGC
Keyed AGC input/SW7/lock detect/AFSAMPLE
15
IFGCL
IF gain control LSB/SW4
16
IFGCM
IF gain control MSB/SW5
17
ENABLE
Control bus ENABLE/address select
18
SDA
Two-wire control bus SDA
19
SCL
Two-wire control bus SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com