Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNP49N04 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VNP49N04
Description  O"MNIFET”: FULLY AUTOPROTECTED POWER MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNP49N04 Datasheet(HTML) 2 Page - STMicroelectronics

  VNP49N04 Datasheet HTML 1Page - STMicroelectronics VNP49N04 Datasheet HTML 2Page - STMicroelectronics VNP49N04 Datasheet HTML 3Page - STMicroelectronics VNP49N04 Datasheet HTML 4Page - STMicroelectronics VNP49N04 Datasheet HTML 5Page - STMicroelectronics VNP49N04 Datasheet HTML 6Page - STMicroelectronics VNP49N04 Datasheet HTML 7Page - STMicroelectronics VNP49N04 Datasheet HTML 8Page - STMicroelectronics VNP49N04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Val ue
Unit
VDS
Drain-source Voltage (Vin = 0)
I nternally Clamped
V
Vin
Input Voltage
18
V
ID
Drain Current
Internally Limit ed
A
IR
Reverse DC O utput Current
-50
A
Vesd
Electrostatic Discharge (C= 100 pF , R=1.5 K
Ω)
2000
V
Pto t
Total Dissipat ion at Tc =25
oC
125
W
Tj
Operating Junction T emperature
Internally Limit ed
oC
Tc
Case Operating T emperature
Internally Limit ed
oC
Tst g
St orage Temperature
-55 to 150
oC
THERMAL DATA
Rthj-ca se
Rthj- amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
1
62.5
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VCLAMP
Drain-source Clamp
Voltage
ID = 200 mA
Vin = 0
36
42
48
V
VCLTH
Drain-source Clamp
Threshold Voltage
ID =2 mA
Vin =0
35
V
VINCL
Input-Source Reverse
Clamp Volt age
Iin =-1 mA
-1
-0.3
V
IDSS
Zero Input Voltage
Drain Current (Vin =0)
VDS =13 V
Vin =0
VDS =25 V
Vin =0
50
200
µA
µA
IISS
Supply Current from
Input Pin
VDS =0 V
Vin = 10 V
250
500
µA
ON (
∗)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VIN(th)
Input Threshold
Voltage
VDS =Vin
ID +Iin =1 mA
0. 8
3
V
RDS( on)
St atic Drain-source On
Resistance
Vin =10 V
ID =25 A
Vin =5 V
ID =25 A
0.02
0. 025
Ω
Ω
DYNAMIC
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
gfs (
∗)Forward
Transconductance
VDS =13 V
ID =25 A
25
30
S
Coss
Output Capacit ance
VDS = 13V
f = 1MHz
Vin = 0
1100
1500
pF
VNP49N04
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com