Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC813 Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC813
Description  Adapter/USB Tri-Mode Single-cell Li-ion Charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC813 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC813 Datasheet HTML 15Page - Semtech Corporation SC813 Datasheet HTML 16Page - Semtech Corporation SC813 Datasheet HTML 17Page - Semtech Corporation SC813 Datasheet HTML 18Page - Semtech Corporation SC813 Datasheet HTML 19Page - Semtech Corporation SC813 Datasheet HTML 20Page - Semtech Corporation SC813 Datasheet HTML 21Page - Semtech Corporation SC813 Datasheet HTML 22Page - Semtech Corporation SC813 Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
© 2008 Semtech Corporation
SC811 / SC813
20
During charging, a short to ground applied to the active
current programming pin (IPRGM or IPUSB) is detected,
while a short to ground on the inactive programming pin
is ignored. Pin-short detection on an active current pro-
gramming pin forces the SC811/3 into reset, turning off
the output. A pin-short on either programming pin will
prevent startup regardless of the mode selected. When
the IPRGM or IPUSB pin-short condition is removed, the
charger begins normal operation automatically without
input power cycling.
Over-Current Protection
Over-current protection is provided in all modes of opera-
tion, including CV regulation. The output current is limited
to either the programmed pre-charge current limit value
or the fast-charge current limit value, depending on the
voltage at the output.
Operation Without a Battery
The SC811/3 can be operated as a 4.2V LDO regulator
without the battery present, for example, factory testing.
If this use is anticipated, the output capacitance C
BAT
should be at least 2.2μF to ensure stability. To operate the
charger without a battery, the ENB pin must be driven low
or grounded.
Capacitor Selection
Low cost, low ESR ceramic capacitors such as the X5R and
X7R dielectric material types are recommended. The BAT
pin capacitor range is 1μF to 22μF. The VIN pin capacitor
is typically between 0.1μF and 2.2μF, although larger
values will not degrade performance. Capacitance must
be evaluated at the expected bias voltage, rather than the
zero-volt capacitance rating.
PCB Layout Considerations
Layout for linear devices is not as critical as for a switching
regulator. However, careful attention to detail will ensure
reliable operation.
Place input and output capacitors close to the
device for optimal transient response and device
behavior.
Connect all ground connections directly to the
ground plane. If there is no ground plane,
connect to a common local ground point before
connecting to board ground near the GND pin.
•
•
Attaching the part to a larger copper footprint
will enable better heat transfer from the device,
especially on PCBs with internal ground and
power planes.
Design Considerations — Large Battery
A battery with a desired fast-charge current exceeding
500mA is most consistent with the USB fixed 1:5 current
ratio low-to-high power model of operation. For example,
consider an 800mAh battery, with maximum fast-charge
current of 800mA. The adapter input fast-charge should
be configured for 800mA max (R
IPRGM
= 2.80kΩ). Select
R
IPUSB
= 4.53kΩ to set USB high power fast-charge to
450mA, and the USB low power fast-charge set to
450/5 = 90mA. The MODE pin tri-level logical input can be
used to select between USB high power and USB low
power modes whenever a fixed 5:1 current ratio is
desired.
Design Considerations — Small Battery
A battery with a desired fast-charge current less than
500mA will not be charged in minimum charge time when
in USB low power mode of operation with a 1:5 low-to-
high power mode current ratio. A 300mAh battery can be
used as an example with maximum fast-charge current of
300mA. In this example, the adapter input and USB input
high power fast-charge currents should both be set to
300mA. The USB low power fast-charge current of, for
example, 90mA, for a low-to-high power current ratio of
1:3.3, would provide a shorter charge time than the 60mA
obtained with the fixed USB low-to-high power charging
current ratio of 1:5.
An arbitrary ratio of USB low-to-high power charging cur-
rents can be obtained using an external n-channel FET
operated with a processor GPIO signal to engage a second
parallel IPUSB resistor, while selecting high power mode
(MODE pin driven high) for both low or high power charg-
ing. The external circuit is illustrated in Figure 5.
IPUSB
5
RIPUSB
RIPUSB_HI
USB Hi/Lo
Power Select
Figure 5. External programming of arbitrary USB high
power and low power charge currents.
•
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com