Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC908MLTRT Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC908MLTRT
Description  Power Management IC for Single-Cell Li-Ion Devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC908MLTRT Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC908MLTRT Datasheet HTML 17Page - Semtech Corporation SC908MLTRT Datasheet HTML 18Page - Semtech Corporation SC908MLTRT Datasheet HTML 19Page - Semtech Corporation SC908MLTRT Datasheet HTML 20Page - Semtech Corporation SC908MLTRT Datasheet HTML 21Page - Semtech Corporation SC908MLTRT Datasheet HTML 22Page - Semtech Corporation SC908MLTRT Datasheet HTML 23Page - Semtech Corporation SC908MLTRT Datasheet HTML 24Page - Semtech Corporation SC908MLTRT Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
SC908
21
Applications Information (continued)
from 2.77V to 2.98V, ±10%. The low battery fault threshold
is set by the relationship
V
DET
= 3.9 μA × R
RLBAT
× 2.42
R
RLBAT
must satisfy the condition
294kΩ ≤ R
RLBAT
≤ 316kΩ
Connect RLBAT to GND to disable the Low Battery Detector
fault. The Low Battery Detector warning remains active.
Status Outputs
Four charger status outputs/LED drivers are provided.
CPB (Charger Present)
CHRGB (Charge Active)
FLTB (Fault)
LBATB (Low Battery Warning)
These outputs are active-low, open drain NMOS drivers
capable of sinking up to 2mA each. The state of each, in
various operating conditions, is defined in Tables 2, 3,
and 4.
When the VAD voltage is below its UVLO threshold (no
charging adapter is present), the CPB and CHRGB outputs
are off (high impedance). The FLTB and LBATB outputs
indicate the battery voltage as defined in Table 2.
•
•
•
•
When V
VAD
is between its UVLO and OVP thresholds, V
VAD
is valid to charge, and the CPB output is low indicating
that a charging adapter is present.
The CHRGB output indicates the battery charging status.
The charger-present status output states are described in
Table 3. When pre-charging or when the output current
is greater than I
TERM
, CHRGB is low. The CHRGB output is
latched off (high) when the output current becomes less
than I
TERM
during the charge cycle (and the battery voltage
is above the recharge threshold, V
BSEN
> V
CV
- VT
ReQ
). This
latch is reset when the battery enters a recharge cycle
(V
BSEN
< V
CV
- VT
ReQ
), or for any NTC_EN range other than
OK-to-charge, or if V
VAD
is above or below the VAD valid-
to-charge range, allowing CHRGB to become active again
when charging resumes.
When a charging adapter is present, the FLTB and LBATB
outputs are redefined to reflect the interaction of the
battery voltage, charging state, and charging faults, as
described in Table 3. The FLTB output is activated when
the device experiences a charger fault condition, or
(together with LBATB output) when the battery voltage is
less than the resistor-programmed low-battery detector
threshold, V
DET
. This output can be used to notify the
system controller of a fault condition when connected to
an interrupt input, or it can be used like CPB and CHRGB
to drive an indicator LED.
Table 2 — Status Output State, Charging Adapter Absent
Status Pins Output State
(on = low)
Conditions
Description
and
Comments
Adapter Voltage
(mutually exclusive)
Battery Voltage
(mutually exclusive)
on = open drain output driver is active
off = output is not active
T = listed condition is true
F = listed condition is false
- = don’t care
Blank = mutually exclusive with another condition
off
off
off
off
T
T
No Charging Adapter, Battery Voltage Good
off
off
off
on
T
T
No Charging Adapter, Low Battery Voltage Warning
off
off
on
on
T
T
No Charging Adapter, Low Battery Shutdown Request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com