Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC908EVB Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC908EVB
Description  Power Management IC for Single-Cell Li-Ion Devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC908EVB Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC908EVB Datasheet HTML 9Page - Semtech Corporation SC908EVB Datasheet HTML 10Page - Semtech Corporation SC908EVB Datasheet HTML 11Page - Semtech Corporation SC908EVB Datasheet HTML 12Page - Semtech Corporation SC908EVB Datasheet HTML 13Page - Semtech Corporation SC908EVB Datasheet HTML 14Page - Semtech Corporation SC908EVB Datasheet HTML 15Page - Semtech Corporation SC908EVB Datasheet HTML 16Page - Semtech Corporation SC908EVB Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
SC908
13
Pin Descriptions
Pin #
Pin Name
Pin Function
1VAD
Charger input pin
2
VSYS
Adapter input internal-regulation node which also serves as supply for EN_NTC, RTIME, and all input-referenced
(vs. battery-referenced or regulated output-referenced) pull-ups; load must not exceed 5mA.
3
IPRGM
Pin for setting constant current charging current — connect resistor to ground to set current.
4
ITERM
Pin for setting termination and precharge current — connect resistor to ground to set current.
5
RTIME
Charge timer pin — connect a resistor to ground to set timer, ground to disable the timer. Timer enabled with
internally programmed default time is selected with RTIME tied to VSYS.
6
RLBAT
Resistor is connected to ground to set Low Battery voltage threshold.
7
LVIN
LDO voltage input — can be connected to either the battery supply (BAT) or the switching regulator output
(SVOUT). No other connections are permitted.
8
LVOUT
LDO voltage output
9
LFB
LDO feedback voltage input
10
VREF
Bandgap reference bypass pin — connected to a 10nF capacitor to analog ground. No other connections are
permitted.
11
AGND
Analog ground pin — refer to grounding considerations in application section.
12
DGND
Digital ground pin — refer to grounding considerations in application section.
13
LEN
LDO enable pin — active high
14
SFB
DC-DC converter feedback input — connect voltage divider from output to this pin to set output voltage.
15
FLTB
Charging Fault indicator — open drain output is active low when a charging fault has occurred. Also, together
with LBATB, indicates when battery discharges below a programmable voltage set by RLBAT resistor.
16
LBATB
Low Battery indicator — open drain output is active low when battery discharges below 3.3V, and, together with
LBATB, indicates when battery discharges below a programmable voltage set by RLBAT resistor.
17
CPB
Charger Present indicator — open drain output is active low when a valid VAD input voltage is present.
18
SEN
DC-DC converter enable pin — active high
19
CHRGB
Charging-In-Progress indicator — open drain output is active low when charging until charging current drops
below the programmed termination current, or until charging is disabled by charge timeout or EN_NTC disable or
NTC temperature fault.
20
PGND
DC-DC converter power ground pin — No other connection is permitted.
21
SLX
DC-DC converter output — connect to an inductor between this point and SVOUT (the DC-DC converter load con-
nection).
22
BAT
Charger output pin, also DC-DC converter input pin — connect to the positive battery terminal.
23
EN_NTC
NTC thermistor input — charger is enabled if voltage is between 0.3 × VSYS and 0.75 × VSYS. Charger is disabled if
voltage is below 1V. Battery temperature fault otherwise.
24
BSEN
Battery Kelvin sense pin — independent connection is tied directly to the battery positive terminal.
T
Thermal Pad
Connect to ground plane with thermal vias directly under pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com