Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-2-R Datasheet(PDF) 1 Page - MTRONPTI

Part # ATS-2-R
Description  Crystals
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

ATS-2-R Datasheet(HTML) 1 Page - MTRONPTI

  ATS-2-R Datasheet HTML 1Page - MTRONPTI ATS-2-R Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
ATS-1 and ATS-2 Crystals
ATS-1 00.0000 MHz (customer specified frequency)
ATS-2 00.0000 MHz (customer specified frequency)
Hermetically sealed AT-strip crystals for incorporation in fre-
quency and time domain products
ATS-1 and ATS-2 crystals provide a convenient component
for incorporation into other components or subsystems. These
units are engineered for assembly in all common solder reflow
processes, including typical IR and vapor phase reflow temper-
ature profiles.
Revision: 8-17-07
ATS-1-R 00.0000 MHz (RoHS Compliant and customer specified frequency)
ATS-2-R 00.0000 MHz (RoHS Compliant and customer specified frequency
M1009Sxxx - Contact factory for datasheet.
M1020Sxxx - Contact factory for datasheet.


Similar Part No. - ATS-2-R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-2002180100 MOLEX-ATS-2002180100 Datasheet
844Kb / 7P
Hand Crimp Tool For Mini-Fit??TPA Male and Female Crimp Terminals
01-13-17
ATS-2002180200 MOLEX-ATS-2002180200 Datasheet
511Kb / 7P
Hand Crimp Tool For Mini-Fit™ TPA Male and Female Crimp Terminals
11-17-16
ATS-20021803HM MOLEX-ATS-20021803HM Datasheet
590Kb / 6P
Hand Crimp Tool for 1.25mm (.049) Pitch Wire-to-Board Crimp Terminals
01-27-17
ATS-2002180600 MOLEX-ATS-2002180600 Datasheet
861Kb / 4P
Hand Crimp Tool for Wire Ferrules
04-11-17
ATS-2002180700 MOLEX2-ATS-2002180700 Datasheet
876Kb / 4P
Hand Crimp Tool for Wire Ferrules
04-11-17
More results

Similar Description - ATS-2-R

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
ATS-49 MTRONPTI-ATS-49 Datasheet
271Kb / 1P
Crystals
CIM MTRONPTI-CIM Datasheet
236Kb / 1P
Crystals
MIL-PRF-3098 MTRONPTI-MIL-PRF-3098 Datasheet
302Kb / 2P
QPL Crystals
ATS12 MTRONPTI-ATS12 Datasheet
284Kb / 2P
Crystals
ATS49MP1 MTRONPTI-ATS49MP1 Datasheet
262Kb / 2P
Crystals
logo
EUROQUARTZ limited
X22 EUROQUARTZ-X22 Datasheet
95Kb / 1P
CRYSTALS
logo
Pletronics, Inc.
CY39 PLETRONICS-CY39 Datasheet
40Kb / 1P
Crystals
logo
EUROQUARTZ limited
95SMX EUROQUARTZ-95SMX Datasheet
133Kb / 1P
CRYSTALS
AG EUROQUARTZ-AG Datasheet
138Kb / 1P
CRYSTALS
FC EUROQUARTZ-FC Datasheet
126Kb / 1P
CRYSTALS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com