Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4250 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4250
Description  Negative Voltage Hot Swap Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4250 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4250 Datasheet HTML 1Page - Semtech Corporation SC4250 Datasheet HTML 2Page - Semtech Corporation SC4250 Datasheet HTML 3Page - Semtech Corporation SC4250 Datasheet HTML 4Page - Semtech Corporation SC4250 Datasheet HTML 5Page - Semtech Corporation SC4250 Datasheet HTML 6Page - Semtech Corporation SC4250 Datasheet HTML 7Page - Semtech Corporation SC4250 Datasheet HTML 8Page - Semtech Corporation SC4250 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
www.semtech.com
SC4250
Negative Voltage
Hot Swap Controller
POWER MANAGEMENT
Revision: April 6, 2005
Programmable slew of the inrush current when
used for hot insertion in the negative 24V and 48V
backplane
Closed loop operation limits the maximum current
even in short circuit condition
Built in timer prevents false shutdown when the
closed loop operation limits the current
Sensing the drain voltage allows for immediate
shutdown in short circuit conditions where current
spikes and noise are ignored
Power good signal
Input UVLO and OVLO sensing
Circuit breaker and retry
SO-8 package
Central office switching
-48V Distributed power systems
Power supply hotswap & inrush control
Description
Features
Applications
Typical Application Circuit
The SC4250 is a negative voltage hotswap controller
that allows the insertion of line cards into a live backplane.
The inrush current is programmable, and the closed loop
operation limits the maximum current even under short
circuit conditions. A built-in timing circuit prevents false
shutdown. The signal from the drain voltage is fed to the
timer, providing safety for the MOSFET when in linear
mode. The SC4250 latches off under abnormal condi-
tions The power has to be recycled in order to resume
operation.
The device comes in two options, PWRGD (SC4250H)
and PWRGD (SC4250L). These high or low signals can
be directly used to enable power modules.
Figure 1
Q1
C3
0.33
C5
150
GND
-- 48V
R5
10
R1
562k
R3
10.2k
R4
0.01
R6
18k
R2
9.31k
C4
3.3nF
DRAIN
7
UV
3
VEE
4
GATE
6
PWRGD
1
SENSE
5
VCC
8
OV
2
U1
SC4250
GND(remote)
C2
0.001
C1
0.1
Vee
PWRGD/PWRGD
/PWRGD
VEE


Similar Part No. - SC4250

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
Negative Voltage Hot Swap Controller
SC4250HISTR SEMTECH-SC4250HISTR Datasheet
260Kb / 12P
Negative Voltage Hot Swap Controller
SC4250HISTRT SEMTECH-SC4250HISTRT Datasheet
260Kb / 12P
Negative Voltage Hot Swap Controller
SC4250LISTR SEMTECH-SC4250LISTR Datasheet
260Kb / 12P
Negative Voltage Hot Swap Controller
SC4250LISTRT SEMTECH-SC4250LISTRT Datasheet
260Kb / 12P
Negative Voltage Hot Swap Controller
More results

Similar Description - SC4250

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
NEGATIVE VOLTAGE HOT SWAP CONTROLLER
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
Negative Voltage Hot Swap Controller
SC4150 SEMTECH-SC4150 Datasheet
352Kb / 12P
Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_1 Datasheet
192Kb / 16P
Negative Voltage Hot Swap Controller
logo
Texas Instruments
LM5068MM-3 TI1-LM5068MM-3 Datasheet
1Mb / 33P
Negative Voltage Hot Swap Controller
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_15 Datasheet
198Kb / 16P
Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com