Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4524ASETRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC4524ASETRT
Description  28V 2A Step-Down Switching Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524ASETRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC4524ASETRT Datasheet HTML 6Page - Semtech Corporation SC4524ASETRT Datasheet HTML 7Page - Semtech Corporation SC4524ASETRT Datasheet HTML 8Page - Semtech Corporation SC4524ASETRT Datasheet HTML 9Page - Semtech Corporation SC4524ASETRT Datasheet HTML 10Page - Semtech Corporation SC4524ASETRT Datasheet HTML 11Page - Semtech Corporation SC4524ASETRT Datasheet HTML 12Page - Semtech Corporation SC4524ASETRT Datasheet HTML 13Page - Semtech Corporation SC4524ASETRT Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
down switching regulator in continuous-conduction
mode (CCM) is given by
(2)
where V
CESAT is the switch saturation voltage and VD is
voltage drop across the rectifying diode.
In peak current-mode control, the PWM modulating
ramp is the sensed current ramp of the power switch.
This current ramp is absent unless the switch is turned
on. The intersection of this ramp with the output of the
voltage feedback error amplifier determines the switch
pulse width. The propagation delay time required to
immediately turn off the switch after it is turned on is the
minimum controllable switch on time (T
ON(MIN)).
Closed-loop measurement shows that the SC4524A
minimum on time is about 35ns at room temperature
(Figure 4). If the required switch on time is shorter than
the minimum on time, the regulator will either skip cycles
or it will jitter.
Figure 4. Variation of Minimum On Time
with Ambient Temperature
To allow for transient headroom, the minimum operating
switch on time should be at least 20% to 30% higher than
the worst-case minimum on time.
CESAT
D
IN
D
O
V
V
V
V
V
D
−
+
+
=
−
=

V
0
.

V
R
R
O
6
4

SW
D
O
L
L
F
)
D

(
)
V
V
(
I
⋅
−
⋅
+
=
D
SW
O
D
O

F
I
%
20
)
D

(
)
V
V
(
L
⋅
⋅
−
⋅
+
=
)
D

(
D
I
I
O
CIN
_
RMS
−
⋅
⋅
=


⋅
⋅
+
⋅
D
=
D
O
SW
L
O
C
F
8

ESR
I
V
SW
IN
O
IN
F
V
4
I
C
⋅
D
⋅
>
,
R
G
R
G
S
CA
PWM
⋅
≈
)
/
s
Q
/
s

()
/
s

(
)
C
R
s

(
G
V
V
2
n
2
n
p
O
ESR
PWM
c
o
ω
+
ω
+
ω
+
+
=
7

Z
5
R
F
2

C
π
=
7

P
8
R
F
2

C
π
=
,
C
R

O
p ≈
ω
,
C
R

O
ESR
Z =
ω
k
3
.
22
0
28
.
0
0
R
3
7
20
9
.
5
=
⋅
=
−
nF
45
.
0
0

.
22
0
6
2

C
3
3
5
=
⋅
⋅
⋅
⋅
π
=
pF
2
0

.
22
0
600
2

C
3
3
8
=
⋅
⋅
⋅
⋅
π
=


⋅
π
⋅
⋅
−
=
O
FB
O
C
S
CA
C
V
V
C
F
2

R
G

log
20
A
dB
9
.
5
3
.
3
0
.

0
22
0
80
2

0

.
6
28

log
20
A
6
3
3
C
=
⋅
⋅
⋅
⋅
⋅
π
⋅
⋅
⋅
⋅
−
=
−
−
m
7
g
0
R
20
C
A
=
CESAT
D
IN
D
O
V
V
V
V
V
D
−
+
+
=
−
=

V
0
.

V
R
R
O
6
4

SW
D
O
L
L
F
)
D

(
)
V
V
(
I
⋅
−
⋅
+
=
D
SW
O
D
O

F
I
%
20
)
D

(
)
V
V
(
L
⋅
⋅
−
⋅
+
=
)
D

(
D
I
I
O
CIN
_
RMS
−
⋅
⋅
=


⋅
⋅
+
⋅
D
=
D
O
SW
L
O
C
F
8

ESR
I
V
SW
IN
O
IN
F
V
4
I
C
⋅
D
⋅
>
,
R
G
R
G
S
CA
PWM
⋅
≈
)
/
s
Q
/
s

()
/
s

(
)
C
R
s

(
G
V
V
2
n
2
n
p
O
ESR
PWM
c
o
ω
+
ω
+
ω
+
+
=
7

Z
5
R
F
2

C
π
=
7

P
8
R
F
2

C
π
=
,
C
R

O
p ≈
ω
,
C
R

O
ESR
Z =
ω
k
3
.
22
0
28
.
0
0
R
3
7
20
9
.
5
=
⋅
=
−
nF
45
.
0
0

.
22
0
6
2

C
3
3
5
=
⋅
⋅
⋅
⋅
π
=
pF
2
0

.
22
0
600
2

C
3
3
8
=
⋅
⋅
⋅
⋅
π
=


⋅
π
⋅
⋅
−
=
O
FB
O
C
S
CA
C
V
V
C
F
2

R
G

log
20
A
dB
9
.
5
3
.
3
0
.

0
22
0
80
2

0

.
6
28

log
20
A
6
3
3
C
=
⋅
⋅
⋅
⋅
⋅
π
⋅
⋅
⋅
⋅
−
=
−
−
m
7
g
0
R
20
C
A
=
12
12
Fig.4
Minimum On Time vs Temperature
100
110
120
130
140
150
160
170
180
190
200
-50 -25
0
25
50
75 100 125
Temperature (OC)
SS270 REV 6-7
VO =1.5V
1MHz
12
12
Fig.4
Minimum On Time vs Temperature
100
110
120
130
140
150
160
170
180
190
200
-50 -25
0
25
50
75 100 125
Temperature (OC)
SS270 REV 6-7
VO =1.5V
1MHz
SC4524A
0
Applications Information (Cont.)
As the load draws more current from the regulator, the
current-limit comparator ILIM (Figure 2) will eventually
limit the switch current on a cycle-by-cycle basis. The
over-current signal OC goes high, setting the latch B
3. The
soft-start capacitor is discharged with (I
D - IC) (Figure 3). If
the inductor current falls below the current limit and the
PWM comparator instead turns off the switch, then latch
B
3 will be reset and IC will recharge the soft-start capacitor.
If over-current condition persists or OC becomes asserted
more often than PWM over a period of time, then the
soft-start capacitor will be discharged below .9V. At this
juncture, comparator B
4 sets the overload latch B2. The
soft-start capacitor will be continuously discharged with
(I
D - IC). The COMP pin is immediately pulled to ground. The
switching regulator is shut off until the soft-start capacitor
is discharged below .0V. At this moment, the overload
latch is reset. The soft-start capacitor is recharged and
the converter again undergoes soft-start. The regulator
will go through soft-start, overload shutdown and restart
until it is no longer overloaded.
If the FB voltage falls below 0.8V because of output
overload, then the switching frequency will be reduced.
Frequency foldback helps to limit the inductor current
when the output is hard shorted to ground.
During normal operation, the soft-start capacitor is
charged to 2.4V.
Setting the Output Voltage
The regulator output voltage is set with an external
resistive divider (Figure ) with its center tap tied to the
FB pin. For a given R
6 value, R4 can be found by
()
Setting the Switching Frequency
The switching frequency of the SC4524A is set with an
external resistor from the ROSC pin to ground.
Minimum On Time Consideration
The operating duty cycle of a non-synchronous step-
CESAT
D
IN
D
O
V
V
V
V
V
D
−
+
+
=
−
=

V
0
.

V
R
R
O
6
4

SW
D
O
L
L
F
)
D

(
)
V
V
(
I
⋅
−
⋅
+
=
D
SW
O
D
O

F
I
%
20
)
D

(
)
V
V
(
L
⋅
⋅
−
⋅
+
=
)
D

(
D
I
I
O
CIN
_
RMS
−
⋅
⋅
=


⋅
⋅
+
⋅
D
=
D
O
SW
L
O
C
F
8

ESR
I
V
SW
IN
O
IN
F
V
4
I
C
⋅
D
⋅
>
,
R
G
R
G
S
CA
PWM
⋅
≈
)
/
s
Q
/
s

()
/
s

(
)
C
R
s

(
G
V
V
2
n
2
n
p
O
ESR
PWM
c
o
ω
+
ω
+
ω
+
+
=
7

Z
5
R
F
2

C
π
=
7

P
8
R
F
2

C
π
=
,
C
R

O
p ≈
ω
,
C
R

O
ESR
Z =
ω
k
3
.
22
0
28
.
0
0
R
3
7
20
9
.
5
=
⋅
=
−
nF
45
.
0
0

.
22
0
6
2

C
3
3
5
=
⋅
⋅
⋅
⋅
π
=
pF
2
0

.
22
0
600
2

C
3
3
8
=
⋅
⋅
⋅
⋅
π
=


⋅
π
⋅
⋅
−
=
O
FB
O
C
S
CA
C
V
V
C
F
2

R
G

log
20
A
dB
9
.
5
3
.
3
0
.

0
22
0
80
2

0

.
6
28

log
20
A
6
3
3
C
=
⋅
⋅
⋅
⋅
⋅
π
⋅
⋅
⋅
⋅
−
=
−
−
m
7
g
0
R
20
C
A
=
CESAT
D
IN
D
O
V
V
V
V
V
D
−
+
+
=
−
=

V
0
.

V
R
R
O
6
4

SW
D
O
L
L
F
)
D

(
)
V
V
(
I
⋅
−
⋅
+
=
D
SW
O
D
O

F
I
%
20
)
D

(
)
V
V
(
L
⋅
⋅
−
⋅
+
=
)
D

(
D
I
I
O
CIN
_
RMS
−
⋅
⋅
=


⋅
⋅
+
⋅
D
=
D
O
SW
L
O
C
F
8

ESR
I
V
SW
IN
O
IN
F
V
4
I
C
⋅
D
⋅
>
,
R
G
R
G
S
CA
PWM
⋅
≈
)
/
s
Q
/
s

()
/
s

(
)
C
R
s

(
G
V
V
2
n
2
n
p
O
ESR
PWM
c
o
ω
+
ω
+
ω
+
+
=
7

Z
5
R
F
2

C
π
=
7

P
8
R
F
2

C
π
=
,
C
R

O
p ≈
ω
,
C
R

O
ESR
Z =
ω
k
3
.
22
0
28
.
0
0
R
3
7
20
9
.
5
=
⋅
=
−
nF
45
.
0
0

.
22
0
6
2

C
3
3
5
=
⋅
⋅
⋅
⋅
π
=
pF
2
0

.
22
0
600
2

C
3
3
8
=
⋅
⋅
⋅
⋅
π
=


⋅
π
⋅
⋅
−
=
O
FB
O
C
S
CA
C
V
V
C
F
2

R
G

log
20
A
dB
9
.
5
3
.
3
0
.

0
22
0
80
2

0

.
6
28

log
20
A
6
3
3
C
=
⋅
⋅
⋅
⋅
⋅
π
⋅
⋅
⋅
⋅
−
=
−
−
m
7
g
0
R
20
C
A
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com